Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C950VPFQ Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB40C950VPFQ
Description  85 MSPS 3ch 10-bit D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C950VPFQ Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB40C950VPFQ Datasheet HTML 1Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 2Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 3Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 4Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 5Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 6Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 7Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 8Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
MB40C950V
s PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
LQFP64
QFP64
4 to 13
15 to 24
29 to 38
5 to 14
18 to 27
29 to 38
R0 to R9
G0 to G9
B0 to B9
I
Data signal incoming terminal for Rch, Gch and Bch
LSB: R0, G0, B0
MSB: R9, G9,B9
42
43
44
45
46
47
RCLK
GCLK
BCLK
I
Clock signal incoming terminal for Rch, Gch and Bch
61
62
CE
I
Power saving signal incoming terminal. Power saving
enabled for High
62
63
DVDD
—
Digital power supply terminal
54, 60
55, 61
AVDD
—
Analog power supply terminal
40
43
DVSS
—
Digital ground terminal
56, 58
57, 59
AVSS
—
Analog ground terminal
63
51
48
64
52
50
RVRIN
GVRIN
BVRIN
I
Rererence voltage incoming terminal for Rch, Gch and
Bch
64
53
49
1
54
51
RIREF
GIREF
BIREF
—
Reference resistor connection terminal for Rch, Gch and
Bch
41
44
VA
—
Connect >0.1
µF capacitor to the AVSS terminal
1
52
47
2
53
49
RVB
GVB
BVB
—
Connect >0.1
µF capacitor to the AVDD terminal
59
57
55
60
58
56
ROUT
GOUT
BOUT
O
Analog signal output terminals for Rch, Gch and Bch
2 to 3
14
25 to 28
39, 45
46, 50
3 to 4
15 to 17
28
39 to 42
48
N.C.
—
Not connected. To be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com