Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C950VPFQ Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB40C950VPFQ
Description  85 MSPS 3ch 10-bit D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C950VPFQ Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB40C950VPFQ Datasheet HTML 4Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 5Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 6Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 7Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 8Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 9Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 10Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 11Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
MB40C950V
2. AC Characteristics
•RL = 200
Ω
(AVDD = DVDD = 4.75 V to 5.25 V, VRIN = 2 V, RREF = 3.3 k
Ω, RL = 200 Ω, CL = 15 pF, Ta = –20°C to +75°C)
•RL = 75
Ω
(AVDD = DVDD = 4.75 V to 5.25 V, VRIN = 2 V, RREF = 2.4 k
Ω, RL = 75 Ω, CL = 15 pF, Ta = –20°C to +75°C)
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Maximum conversion rate
fs
—
85
—
—
MSPS
Output propagation delay
time
tpd
—10—
ns
Output rising time
tr
—8—
ns
Output falling time
tf
—8—
ns
Settling time
tset
—27—
ns
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Maximum conversion rate
fs
—
85
—
—
MSPS
Output propagation delay
time
tpd
—7—
ns
Output rising time
tr
—2—
ns
Output falling time
tf
—2—
ns
Settling time
tset
—7—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com