Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C950VPFQ Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB40C950VPFQ
Description  85 MSPS 3ch 10-bit D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C950VPFQ Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB40C950VPFQ Datasheet HTML 9Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 10Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 11Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 12Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 13Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 14Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 15Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 16Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 17Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
MB40C950V
(Continued)
AVDD
RCLK
R0 to R9
RCLK
R0 to R9
GCLK
G0 to G9
GCLK
G0 to G9
BCLK
B0 to B9
BCLK
CE
DVSS
AVSS
VA
BIREF
Bout
BVRIN
0 to 1 V
(1 VP−P)
+2 V
BVB
GIREF
Gout
GVRIN
0 to 1 V
(1 VP−P)
+2 V
GVB
RIREF
Rout
RVRIN
0 to 1 V
(1 VP−P)
+2 V
RVB
B0 to B9
0.1
µF
+5 V
+5 V
DVDD
10
10
10
RREF
RREF
RREF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
2.4 k
Ω
2.4 k
Ω
2.4 k
Ω
75
Ω
75
Ω
RL
RL
75
Ω
RL
• RL = 75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com