Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C950VPFQ Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB40C950VPFQ
Description  85 MSPS 3ch 10-bit D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C950VPFQ Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB40C950VPFQ Datasheet HTML 1Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 2Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 3Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 4Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 5Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 6Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 7Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 8Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS04-28318-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP
CMOS
85 MSPS 3ch 10-bit
D/A Converter
MB40C950V
s DESCRIPTION
The MB40C950V is a high-speed CMOS process-based D/A converter provided with the three-channel I/O for
RGB, allowing for independent control of the three channels.
s FEATURES
• Resolution
: 10 bits
• Linearity error
:
±1.5 LSB (max)
• Differential linearity error
:
±1.0 LSB (max)
• Maximum conversion rate
: 85 MSPS (min)
• Supply voltage
: single +5 V
• Digital input voltage range
: TTL level
• Analog output voltage range : 2 Vp-p (0 to 2V: analog output for RL = 200
Ω, RREF = 3.3 kΩ, VRIN = 2V)
: 1 Vp-p (0 to 1V: analog output for RL = 75
Ω, RREF = 2.4 kΩ, VRIN = 2V)
• Dissipation power
: 240 mW (standard: analog output for RL = 200
Ω, 2 Vp-p output)
: 310 mW (standard: analog output for RL = 75
Ω, 1 Vp-p output)
• Additional capabilities
: Power saving function, independent 3-ch VREF
• Package
: LQFP64, QFP64
s PACKAGES
64-pin Plastic LQFP
(FPT-64P-M03)
64-pin Plastic QFP
(FPT-64P-M10)


Similar Part No. - MB40C950VPFQ

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
50 MSPS 3ch 8-bit D/A Converter
MB40C958VPFV FUJITSU-MB40C958VPFV Datasheet
130Kb / 13P
50 MSPS 3ch 8-bit D/A Converter
More results

Similar Description - MB40C950VPFQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
10-Bit, 170 MSPS D/A Converter
REV.A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV.A
logo
fujitsu semiconductor
MB40C348V FUJITSU-MB40C348V Datasheet
250Kb / 19P
3ch 8-bit 100 MSPS A/D Converter
MB40C938V FUJITSU-MB40C938V Datasheet
127Kb / 13P
20 MSPS 3ch 8-bit D/A Converter
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
50 MSPS 3ch 8-bit D/A Converter
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
10-BIT, 40 MSPS A/D CONVERTER
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
10-BIT, 60 MSPS A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com