Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C950VPFQ Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # MB40C950VPFQ
Description  85 MSPS 3ch 10-bit D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C950VPFQ Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button MB40C950VPFQ Datasheet HTML 2Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 3Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 4Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 5Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 6Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 7Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 8Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 9Page - fujitsu semiconductor MB40C950VPFQ Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
MB40C950V
s ABSOLUTE MAXIMUM RATINGS
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
*1: IFS = VRIN/RREF
× 16
*2: VFS = IFS
× RL
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within the recommended operating conditions. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min.
Max.
Power supply voltage
VDD
–0.3
+7.0
V
Digital input voltage
VID
–0.3
VDD + 0.3
V
Analog output voltage
VO
–0.3
VDD + 0.3
V
Analog output current: LQFP64
: QFP64
IO
0
0
15
30
mA
mA
Storage temperature
Tstg
–55
+125
°C
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Analog power supply voltage
AVDD
—
4.75
5.00
5.25
V
Digital power supply voltage
DVDD
—
4.75
5.00
5.25
V
Power supply voltage
difference
AVDD – DVDD
—
–0.2
—
0.2
V
Reference input voltage
VRIN
—
1.0
2.0
2.2
V
Full-scale current*1
IFS
LQFP64
0
—
15
mA
QFP64
0
—
30
mA
Full-scale output voltage*2
VFS
IFS
15 mA
—2.0
2.3
V
15 mA < IFS
30 mA
—1.0
1.2
V
Digital “H” level input voltage
VIHD
—2.4
—
DVDD
V
Digital “L” level input voltage
VILD
—0
—
0.5
V
Clock frequency
fCLK
——
—
85
MHz
Setup time
ts
—4
—
—
ns
Hold time
th
—3
—
—
ns
“H” level minimum pulse
width
tWH
—5
—
—
ns
“L” level minimum pulse width
tWL
—5
—
—
ns
Operating ambient
temperature
Top
—
–20
—
+75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com