Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB86604LPFV Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB86604LPFV Datasheet HTML 1Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 2Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 3Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 4Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 5Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 6Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 7Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 8Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
MB86604L
s PIN DESCRIPTION
1.
SCSI Interface
* : Regarding the status of information transfer which is indicated by MSG, C/D, and I/O pins, See Table Phase Status.
Pin
number
Symbol
Pin name
I/O
Function
60
REQ
Request
I/O
Transfer request signal in the information transfer phases from
target to initiator. The input signal to this pin is used for the timing
control of data transfer sequence. This is a three-state I/O pin
and an active low pin.
68
ACK
Acknowledge
I/O
This pin is for the acknowledge signal from initiator to target for
the REQ signal in the information transfer phases. The input
signal to this pin is used for the timing control of data transfer
sequence. This is a three-state I/O pin and an active low pin.
71
ATN
Attention
I/O
This pin is for the attention signal that initiator requests target for
the message transfer phase. This is an active-low pin.
63
MSG*
Message
I/O
This pin is for the message signal that specifies type of
information transferred on the data bus. This is an active-low pin
and becomes “L” when message phase is specified.
61
C/D*
Control/data
I/O
This pin is for the control/data signal that specifies type of
information transferred on the data bus. This an active-low pin
and becomes “L” level when command, status, or message
phase is specified.
58
I/O*
Input/output
I/O
This pin is for the input/output signal that specifies direction of
information transferred on the data bus. This is an active-low pin.
When this pin is “L” level, the information is transferred from
target to initiator. When this pin is “H” level, the information is
transferred from initiator to target.
69
BSY
Busy
I/O
This pin is for the SCSI bus busy signal. In the arbitration phase,
this is for the request signal for the use of bus acquisition. This is
an active-low pin.
62
SEL
Select
I/O
This pin is for the select signal used by initiator to select target
during the selection phase and by target to reselect initiator
during the reselection phase. This is an active-low pin.
67
RST
Reset
I/O
This pin is for the reset signal used by any device on the bus.
When the device is an input operation, the reset signal is input to
this pin. When output operation, the reset signal is output from
this pin. This is an active-low pin.
11, 12, 13,
17, 18, 19,
20, 22
DB7
to
DB0
Data bus 7
to
data bus 0
I/O
These pins are for the bidirectional 8-bit SCSI data bus and 1-bit
odd parity line.
9DBP
Data bus
parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com