Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB86604LPFV Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 5Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 6Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 7Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 8Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 9Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 10Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 11Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 12Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
9
MB86604L
s BLOCK DESCRIPTION
1.
International Processor (Sequencer)
Performs sequence control between the SCSI bus phases.
2.
Timer
Manages the SCSI time standards.
Also, conducts the following time managements.
• Time until the REQ or ACK signal is asserted for asychronous transfer data
• Time until selection or reselection is retried
•REQ and ACK timeout time during transfers:
Asychronous transfer case
Target:
After the REQ is asserted, the time until the initiator asserts the ACK
Initiator: After the ACK is asserted, the time until the target negates the REQ
Synchronous transfer case
Target:
After the REQ is sent, the time until an ACK signal which makes the offset 0 is received from the
initiator
• SPC Timeout
Manages the SPC timeout indicating the SPC busy time longer than the specified time.
3.
Phase Controller
Controls the various phases executed by SCSI such as arbitration, selection/reselection, data in/out, command,
status, and message in/out.
4.
Transfer Controller
Controls the information (data, command, status, message) transfer phases executed by SCSI.
The following two types of transfer phases are used.
Asychronous transfer: Controls interlock (response confirmation format) between the REQ and ACK signals.
Synchronous transfer: Controls a maximum 32-byte offset value for the data in or data out phase.
The following two modes exist for the data phase.
Program transfer: Uses data register (address 00/01) via the MPU interface
DMA transfer: Uses DREQ and DACK signals via the DMA interface.
The transfer parameter setting values for synchronous transfer (Transfer mode, transfer rate, transfer offset) can be
strobe for individual ID device and are automatically established when the data phase is initiated.
The number of transfer bytes is defined as block length
× number of blocks.
Bus free phase
Arbitration phase
Selection phase
Information transfer
phase
Information transfer phase:
• Command phase
• Data phase
• Status phase
• Message phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com