Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB86604LPFV Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 45Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 46Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 47Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 48Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 49Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 50Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 51Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 52Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
49
MB86604L
4.
Programmable Commands
The user program is stored in the user program memory and begins operation when the user program head address
is written in the command register.
Programmable commands are composed of discrete and special commands and have a command length of one
(1) or two (2) bytes.
• Command field assign
Command type
Command code (1st byte)
Operand (2nd byte)
Discrete commands
Message, command, or status phases
send command
Memory address of the data to be sent.
Message, command, or status phases
receive command
Memory address of received data being
stored.
Data phase receive/send command or
do not perform transfer command
—
Special commands
AND command
Data for AND operation or memory
address of data for AND operation.
TEST AND command
Data for AND operation or memory
address of data for AND operation.
COMPARE command
Data for COMPARE operation or
memory address of data for COMPARE
operation.
Conditional branch command
Jump head address
MOVE command
Memory address to be moved.
STOP command
User status code
NOP command
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com