Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB86604LPFV Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB86604LPFV Datasheet HTML 1Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 2Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 3Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 4Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 5Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 6Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 7Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 8Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
MB86604L
(Continued)
• Two types of high-speed data transfer:
– Synchronous data transfer (Max. 10 Mbytes/s, max. 32 offsets, 32-step transfer rate)
– Asynchronous data transfer (Max. 5 Mbyte/s)
• Transfer parameters (transfer mode, transfer rate, transfer offset) can be set for up to 7 connected devices.
• Single-ended transmission type (Maximum cable length: 6 m):
– On-chip single-ended driver/receiver which can drive 48 mA of "L" level output current
– Directly connectable with the SCSI bus
• On-chip three-state bidirectional I/O buffers for SCSI REQ and ACK pins (DB7-DB0, DBP, ATN, MSG, C/D, I/
O pins can be selected from either three-state or open-drain buffer by controlling the TEST pins input.)
Transfer Operation:
• Automatic response to selection/reselection (Preset receiving operation can perform at the selection/
reselection.):
– Initiator: Automatically operates until message received without command issue.
– Target: Automatically operates until command received without command issue.
• Automatic receiving:
– Initiator: Automatically receives information for new phase to which target transited without command issue.
– Target: Automatically receives message from initiator when initiator generates attention condition.
• On-chip 32-byte data register (FIFO) for data phase
• On-chip two (send-only and receive-only) 32-byte data buffers for message, command, and status phases
• On-chip 16-bit transfer block register and 24-bit transfer byte register enabling 1 Tbytes transfer (1 Tbytes: 16
Mbytes
× 64 k blocks)
• On-chip independent data transfer bus enabling the MPU operation during the data transfer
• Parity through/generate can be specified.
System Bus Interface:
• 8-bit or 16-bit separate MPU and DMA buses
• Directly connectable with a 80 series or 68 series MPU
• Two types of transfer operation:
– Program transfer
– DMA transfer (Burst/Handshake)
Command Set:
• Supports sequential commands and programmable commands in addition to ordinary commands
• Command queuing (Command can be continuously issued by putting tags to commands in command phase.)
• On-chip 256-byte memory for command programming memory and command queuing buffer
Others
• Process: CMOS process
• Supply Voltage: Single +5 V
• Input System Clock: 20 MHz/30 MHz/40 MHz
• Package: 100-pin plastic LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com