Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB86604LPFV Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 3Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 4Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 5Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 6Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 7Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 8Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 9Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 10Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
7
MB86604L
(Continued)
* : The pin symbols in parenthesis are the ones when the MODE input is “L”.
4.
Others
* : The pin symbols in parenthesis are the symbols when the MODE input is “L”.
Pin
number
Symbol*
Pin name
I/O
Function
50
DMBHE
(DMUDS)
DMA bus
high enable
(DMA upper
data strobe)
I
In the 80-series mode, this pin is for the DMA bus high enable
signal input pin (DMBHE) output from the DMA controller when
the upper byte of the DMA data bus is valid. This is an active-low
pin. In the 68-series mode, this pin functions as the DMA upper
data strobe signal input pin (DMUDS) output from the DMA
controller when the upper byte of data bus is valid. The DMUDS
pin is also an active-low.
30
DMA0
DMA
address 0
I
In the 80-series mode, this pin is used for the DMA address 0
input pin output from the DMA controller. In the 68-series mode,
a high level should be input to this pin.
55
TP
Transfer
permission
I
This is a DMA transfer permission signal input pin. When this pin
is in active-state, the SPC does the DMA transfer. In case that
this pin becomes inactive during the DMA transfer, the DMA
transfer is paused on the block boundary. This pin is an active
high.
Pin
number
Symbol*
Pin name
I/O
Function
6
RESET
Reset
I
System reset input pin. The input reset active pulse width must
have 4 times of the clock cycle at least. This is an active-low pin.
5
CLK
Clock
I
Clock signal input pin. 20 MHz, 30 MHz, or 40 MHz can be
applied as the input clock frequency.
3, 14, 28
53, 64, 78
VDD
Power supply
—
+5 V power supply pins.
4, 10, 15
16, 21, 29
40, 54, 59
65, 66, 70
79, 90
VSS
Ground
—
Ground pins.
23
TEST1
TEST
I
This pin is used to select the type of I/O buffer on SCSI data bus
pins. In case that DBP, DB7 – DB0 pins are used as an open-
drain I/O, connect this pin to VSS. In case of three-state I/O,
connect to VDD.
57
TEST2
TEST
I
This pin is used to select the type of I/O buffer on SCSI pins. In
case that MSG, C/D, I/O, and ATN pins are used as an open-
drain I/O, connect this pin to VSS. In case of three-state I/O,
connect to VDD.
24
TMOUT
TIMEOUT
O
This is a SCSI Timeout pin that indicates the SPC has been
busy longer than the specified time. A high level is output on this
pin if the SPC busy time exceeds the specified time.
This pin can be used for the timeout counter.
25, 26
(OPEN)
(Open)
—
These are open pins. Those pins are not connected with the
device internally. Those pins must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com