Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSA Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LSA
Description  Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LSA Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3VDP411LSA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.pericom.com
PS9059A
07/28/12
PI3VDP411LSA
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical bridge (Level Shifter)
Pin
Name
I/O Type Descriptions
19
OUT_D2+
O
HDMI 1.3 compliant TMDS output. OUT_D2+ makes a differential output
signal with OUT_D2-.
20
OUT_D2-
O
HDMI 1.3 compliant TMDS output. OUT_D2- makes a differential output
signal with OUT_D2+
22
OUT_D1+
O
HDMI 1.3 compliant TMDS output. OUT_D1+ makes a differential output
signal with OUT_D1-.
23
OUT_D1-
O
HDMI 1.3 compliant TMDS output. OUT_D1- makes a differential output
signal with OUT_D1+
25
OE#
I
Enable for level shifter path.
OE#
IN_D Termination
OUT_D Outputs
1
> 100KΩ
High-Z
0
50Ω
Active
28
SCL_SINK
I/O
5V DDC Clock I/O. Pulled up by external termination to 5V.
DDC_EN
DDCBSEL DDC level shifter type
Low
X
DISABLE DDC level shifter
High
Low
Passive level shifter ENABLE
Connected to SCL_SOURCE through voltage-
limiting integrated NMOS passgate
High
High
Active level shifter ENABLE
Connected to SCL_SOURCE through bi-
direction buffer
29
SDA_SINK
I/O
5V DDC Data I/O. Pulled up by external termination to 5V.
DDC_EN
DDCBSEL DDC level shifter type
Low
X
DISABLE DDC level shifter
High
Low
Passive level shifter ENABLE
Connected to SDA_SOURCE through voltage-
limiting integrated NMOS passgate
High
High
Active level shifter ENABLE
Connected to SDA_SOURCE through bi-
direction buffer
30
HPD_SINK
I
Low Frequency, 0V to 5V (nominal) input signal. This signal comes from the
TMDS connector. Voltage High indicates “plugged” state; voltage low indicated
“unplugged”. HPD_SINK is pulled down by an integrated 100K ohm pull-down
resistor.
32
DDC_EN
I
Enables DDC level shifter path
DDC_EN
Passgate
Low (0V)
Disable
High (3.3V)
Enable
12-0236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com