Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSA Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LSA
Description  Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LSA Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LSA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.pericom.com
PS9059A
07/28/12
PI3VDP411LSA
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical bridge (Level Shifter)
Table 4: OE# Input, SQSEL and DDC_EN
Symbol
Parameter
Min
Typ
Max
Units Comments
VIH
Input High Level
2.0
VDD
V
TMDS enable input changes state on cable
plug/unplug
VIL
Input Low Level
0
0.8
V
IIN
Input Leakage Current
10
µA
Measured with input at VIH-EN max and
VIL-EN min
Table 5: Termination Resistor
Symbol
Parameter
Min
Typ
Max
Units Comments
RHPD
HPD_SINK input pull-
down resistor.
100K
Ω
Guarantees HPD_SINK is LOW when no
display is plugged in.
12-0236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com