Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSA Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LSA
Description  Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LSA Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3VDP411LSA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.pericom.com
PS9059A
07/28/12
PI3VDP411LSA
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical bridge (Level Shifter)
Pin Description
Pin
Name
I/O Type Descriptions
1, 5, 12, 18, 24,
27, 31, 36, 37, 43 GND
POWER
GROUND
2, 11, 15, 21, 26,
33, 40, 46
VDD
POWER
POWER, 3.3V ±10%
3, 4
SR0, SR1
I
Slew Rate Control. Acceptable connections to SRx pin are: resistor to 3.3V or
short to GND. (internal 200KΩ pull-LOW)
6, 35
NC
O
No Connect
7
HPD_SOURCE
O
HPD_SOURCE: 0V to 3.3V (nominal) output signal. HPD_Sink input can be as
high as 5V and then HPD_Source will output no higher than 3.3V.
8
SDA_SOURCE
I/O
3.3V DDC Data I/O. Pulled up by external termination to 3.3V.
DDC_EN
DDCBSEL DDC level shifter type
Low
X
DISABLE DDC level shifter
High
Low
Passive level shifter ENABLE
Connected to SDA_SINK through voltage-
limiting integrated NMOS passgate
High
High
Active level shifter ENABLE
Connected to SDA_SINK through bi-direc-
tion buffer
9
SCL_SOURCE
I/O
3.3V DDC Data I/O. Pulled up by external termination to 3.3V.
DDC_EN
DDCBSEL DDC level shifter type
Low
X
DISABLE DDC level shifter
High
Low
Passive level shifter ENABLE
Connected to SCL_SINK through voltage-
limiting integrated NMOS passgate
High
High
Active level shifter ENABLE
Connected to SCL_SINK through bi-direction
buffer
10
DDCBSEL
I
Active DDC level shifter enable pin. (internal 200KΩ pull-LOW)
DDCBSEL
DDC path
Low (0V)
Passive DDC level shifter
High (3.3V)
Active DDC level shifter
13
OUT_D4+
O
HDMI 1.3 compliant TMDS output. OUT_D4+ makes a differential output
signal with OUT_D4-.
14
OUT_D4-
O
HDMI 1.3 compliant TMDS output. OUT_D4- makes a differential output
signal with OUT_D4+
16
OUT_D3+
O
HDMI 1.3 compliant TMDS output. OUT_D3+ makes a differential output
signal with OUT_D3-.
17
OUT_D3-
O
HDMI 1.3 compliant TMDS output. OUT_D3- makes a differential output
signal with OUT_D3+
12-0236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com