Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSA Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LSA
Description  Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LSA Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LSA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
www.pericom.com
PS9059A
07/28/12
PI3VDP411LSA
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical bridge (Level Shifter)
Table 2: Differential Output Characteristics for TMDS_OUT signals
Symbol
Parameter
Min
Typ
Max
Units Comments
VH
Single-ended high
level output voltage
VDD-10mV
VDD
VDD+10mV V
VDD is the DC termination voltage
in the HDMI or DVI Sink. VDD is
nominally 3.3V
VL
Single-ended low level
output voltage
VDD-600mV VDD-500mV VDD-400mV V
The open-drain output pulls down
from VDD.
VSWING
Single ended output
swing voltage
425
500
600
mV
Swing down from TMDS termina-
tion voltage (3.3V ±10%)
IOFF
Single-ended current
in high-Z state
50
µA
Measured with TMDS outputs
pulled up to VDD Max _(3.6V)
through 50Ω resistors.
TSKEW-INTRA
Intra-pair differential
skew
30
ps
This differential skew budget is in
addition to the skew presented be-
tween D+ and D- paired input pins.
HDMI revision 1.3 source allowable
intrapair skew is 0.15 Tbit.
TSKEW-INTER
Inter-pair lane-to-lane
output skew
100
ps
This lane-to-lane skew budget is in
addition to skew between differen-
tial input pairs
TJIT
Jitter added to TMDS
signals
25
ps
Jitter budget for TMDS signals as
they pass through the level shifter.
25ps = 0.056 at 2.25 Gbps
TMDS output oscillation elimination
The inputs already incorporate a squelch circuit. Therefore, nothing is needed from application standpoint to eliminate TMDS output
oscillation when there is no TMDS input present. The IC will do this automatically.
Table 3: HPD Characteristics
Symbol
Parameter
Min
Typ
Max
Units Comments
VIH-HPD
Input High Level
2.0
5.0
5.3
V
Low-speed input changes state on cable plug/
unplug
VIL-HPD
HPD_SINK Input Low
Level
0
0.8
V
IIN-HPD
HPD_SINK Input Leakage
Current
70
µA
Measured with HPD_SINK at VIH-HPD max
and VIL-HPD min
VOH-HPD
HPD_source Output
High-Level
2.5
VDD
V
VDD = 3.3V ±10%
IOH = -4mA(MIN) / -8mA(MAX)
VOL-HPD
HPD_source Output Low-
Level
0
0.4
V
IOL = 4mA(MIN) / 8mA(MAX)
THPD
HPD_SINK to HPD_
source propagation delay
200
ns
Time from HPD_SINK changing state to
HPD_source changing state. Includes HPD_
source rise/fall time
TRF-HPDB
HPD_source rise/ fall time 1
20
ns
Time required to transition from VOH- HPDB
to VOL-HPDB or from VOL-HPDB to VOH-HPDB
12-0236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com