Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSA Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LSA
Description  Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LSA Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LSA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3VDP411LSA Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.pericom.com
PS9059A
07/28/12
PI3VDP411LSA
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical bridge (Level Shifter)
Table: Differential Input Characteristics forIN_Dx signals
Symbol
Parameter
Min Typ Max Units
Comments
Tbit
UI, Unit Interval
360
ps
Tbit is determined by the display mode. Nominal
bit rate ranges from 250Mbps to 2.5Gbps per lane.
Nominal Tbit at 2.5 Gbps = 400 ps. 360ps = 400ps-
10%
VRX_DIFF
Input Differential Volt-
age Level
0.175
1.200 V
See note 1 below
TRX_EYE
Minimum Eye Width at
IN_D input pair
0.8
Tbit
VCM-ACp-p
AC Peak Common
Mode Input Voltage
100
mV
See note 2 below
ZRX_DC
40
50
60
Ω
Required IN_D+ as well as IN_D- DC impedance
(50 ±20% tolerance).
ZRX-Bias
0
2.0
V
Intended to limit power-up stress on chipset's PCIE
output buffers.
ZRX_HIGH-Z
100
k Ω
Differential inputs must be in a high impedance
state when OE# is HIGH.
1. VRX-DIFF = 2x|VRX-D- -VRX-D-| Applies to IN_Dx signals
2. VCM-AC-p-p = |VRX-D- - VRX-D-|/2 - VRX-CM-DC
VRX-CM-DC = DC(avg) of |VRX-D+ + VRX-D-|/2
VCM-AC-p-p includes all frequencies above 30 kHz.
TMDS Outputs
The level shifter's TMDS outputs are required to meet HDMI 1.3 specifications.
The HDMI 1.3 Specification is assumed to be the correct reference in instances where this document conflicts with the HDMI 1.3
specification.
12-0236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com