Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89181 Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 42Page - fujitsu semiconductor MB89181 Datasheet HTML 43Page - fujitsu semiconductor MB89181 Datasheet HTML 44Page - fujitsu semiconductor MB89181 Datasheet HTML 45Page - fujitsu semiconductor MB89181 Datasheet HTML 46Page - fujitsu semiconductor MB89181 Datasheet HTML 47Page - fujitsu semiconductor MB89181 Datasheet HTML 48Page - fujitsu semiconductor MB89181 Datasheet HTML 49Page - fujitsu semiconductor MB89181 Datasheet HTML 50Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
49
MB89180 Series
C
1995 FUJITSU LIMITED F64009S-2C-5
0.10(.004)
.005 −.001
+.002
−0.02
+0.05
0.127
.059 −.004
+.008
−0.10
+0.20
1.50
"A"
0.50±0.20
(.020±.008)
Details of "A" part
0
10˚
33
32
17
16
1
64
49
48
INDEX
LEAD No.
(STAND OFF)
12.00±0.20(.472±.008)SQ
10.00±0.10(.394±.004)SQ
0.50±0.08
(.0197±.0031)
.007 −.001
+.003
−0.03
+0.08
0.18
11.00
7.50
(.295)
REF
(.433)
NOM
0.10±0.10
(.004±.004)
(Mounting Height)
(Continued)
64 pin, PlasticLQFP
(FPT-64P-M03)
64-pin Ceramic MQFP
(MQP-64C-P01)
+0.40
–0.20
+.016
–.008
+0.40
–0.20
+.016
–.008
1.20
.047
12.00(.472)TYP
(.039±.010)
1.00±0.25
TYP
18.00(.709)
(.039±.010)
1.00±0.25
(.016±.004)
0.40±0.10
1.20
.047
(.016±.004)
0.40±0.10
MAX
10.82(.426)
(.006±.002)
0.15±0.05
0.50(.020)TYP
11.68(.460)TYP
9.48(.373)TYP
7.62(.300)TYP
0.30(.012)TYP
(.050±.005)
1.27±0.13
(.713±.008)
18.12±0.20
TYP
14.22(.560)
TYP
12.02(.473)
TYP
10.16(.400)
TYP
24.70(.972)
(.878±.013)
22.30±0.33
(.050±.005)
1.27±0.13
TYP
0.30(.012)
INDEX AREA
18.70(.736)TYP
(.642±.013)
16.30±0.33
(.613±.008)
15.58±0.20
1994 FUJITSU LIMITED M64004SC-1-3
C
Dimensions in mm (inches).
Dimensions in mm (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com