Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89181 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 4Page - fujitsu semiconductor MB89181 Datasheet HTML 5Page - fujitsu semiconductor MB89181 Datasheet HTML 6Page - fujitsu semiconductor MB89181 Datasheet HTML 7Page - fujitsu semiconductor MB89181 Datasheet HTML 8Page - fujitsu semiconductor MB89181 Datasheet HTML 9Page - fujitsu semiconductor MB89181 Datasheet HTML 10Page - fujitsu semiconductor MB89181 Datasheet HTML 11Page - fujitsu semiconductor MB89181 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
MB89180 Series
• Pin assignment on package top (MB89PV180 only)
N.C.: Internally connected. Do not use.
Pin no.
Pin name
Pin no.
Pin name
Pin no.
Pin name
Pin no.
Pin name
65
N.C.
73
A2
81
N.C.
89
OE
66
VPP
74
A1
82
O4
90
N.C.
67
A12
75A083
O5
91
A11
68
A7
76
N.C.
84
O6
92
A9
69
A6
77
O1
85
O7
93
A8
70
A5
78
O2
86
O8
94
A13
71
A4
79
O3
87
CE
95
A14
72
A3
80
VSS
88
A10
96
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8/P40
SEG9/P41
SEG10/P42
SEG11/P43
SEG12/P44
SEG13/P45
SEG14/P46
SEG15/P47
SEG16/P50
SEG17/P51
SEG18/P52
SEG19/P53
SEG20/P54
SEG21/P55
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
P01/INT21
P02/INT22
P03/INT23
P04/INT24
P05/INT25
P06/INT26
P07/INT27
RST
X0A
X1A
MODA
X0
X1
P20/EC
P21*2
P22/TO
P23/SI
P24/SO
P25/SCK
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
85
86
87
88
89
90
91
92
93
77
76
75
74
73
72
71
70
69
(Top view)
(MQP-64C-P01)
*1: Selected using the mask option (in units of 4 pins).
*2: N-ch open drain heavy-current drive type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com