Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89181 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB89181 Datasheet HTML 1Page - fujitsu semiconductor MB89181 Datasheet HTML 2Page - fujitsu semiconductor MB89181 Datasheet HTML 3Page - fujitsu semiconductor MB89181 Datasheet HTML 4Page - fujitsu semiconductor MB89181 Datasheet HTML 5Page - fujitsu semiconductor MB89181 Datasheet HTML 6Page - fujitsu semiconductor MB89181 Datasheet HTML 7Page - fujitsu semiconductor MB89181 Datasheet HTML 8Page - fujitsu semiconductor MB89181 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
MB89180 Series
(Continued)
*1: Selected by the mask option. See section “s Mask Options.”
*2: Varies with conditions such as the operating frequency and the connected ICE. (See section “s Electrical
Characteristics.”)
*3: The operation at less than 2.2 V is assured separately. Please contact FUJITSU LIMITED.
MB89182
MB89183
MB89P185
MB89PV180
Buzzer output
1 (7 frequency types are selectable by software.)
Remote control
transmission output
1 (pulse width and cycle are selectable by software.)
Standby mode
Sleep mode, stop mode, and watch mode
Process
CMOS
Operating voltage*2
2.2 V*3 to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C256A-20TV
(LCCpackage)
MB89181
Part number
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com