Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89181 Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 28Page - fujitsu semiconductor MB89181 Datasheet HTML 29Page - fujitsu semiconductor MB89181 Datasheet HTML 30Page - fujitsu semiconductor MB89181 Datasheet HTML 31Page - fujitsu semiconductor MB89181 Datasheet HTML 32Page - fujitsu semiconductor MB89181 Datasheet HTML 33Page - fujitsu semiconductor MB89181 Datasheet HTML 34Page - fujitsu semiconductor MB89181 Datasheet HTML 35Page - fujitsu semiconductor MB89181 Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
MB89180 Series
(3) Clock Timing
(VSS = 0.0 V, TA = –40
°C to +85°C)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min.
Typ.
Max.
Clock frequency
FCH
X0, X1
1
—
4.2
MHz
Main clock
FCL
X0A, X1A
—
32.768
—
kHz
Subclock
Clock cycle time
tHCYL
X0, X1
238
—
1000
ns
Main clock
tLCYL
X0A, X1A
—
30.5
—
µs
Subclock
Input clock pulse width
PWH
PWL
X0
20
—
—
ns
External clock
PWHL
PWLL
X0A
—
15.2
—
µs
Input clock pulse rising/
falling time
tCR
tCF
X0, X0A
—
—
10
ns
X0
X1
X0
X1
C1
C2
FCH
Open
X0
X1
C
FCH
R1
When crystal
or
ceramic resonator is used
When an external clock is used
When CR oscillation
option is used
tCF
FCH
tHCYL
0.8 VCC
0.2 VCC
X0
PWH
PWL
tCR
X0 and X1 Timing and Conditions
Main clock Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com