Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89181 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 22Page - fujitsu semiconductor MB89181 Datasheet HTML 23Page - fujitsu semiconductor MB89181 Datasheet HTML 24Page - fujitsu semiconductor MB89181 Datasheet HTML 25Page - fujitsu semiconductor MB89181 Datasheet HTML 26Page - fujitsu semiconductor MB89181 Datasheet HTML 27Page - fujitsu semiconductor MB89181 Datasheet HTML 28Page - fujitsu semiconductor MB89181 Datasheet HTML 29Page - fujitsu semiconductor MB89181 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
26
MB89180 Series
s ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
(VSS = 0.0 V)
(Continued)
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
VSS – 0.3
VSS + 7.0
V
LCD power supply voltage
V1 to V3
VSS – 0.3
VSS + 7.0
V
V1 to V3 must not exceed VCC.
Input voltage
VI1
VSS – 0.3
VCC + 0.3
V
VI1 must not exceed Vss + 7.0 V.
Except P20 to P27 without a pull-
up resistor
VI2
VSS – 0.3
VSS + 7.0
V
P20 to P27 without a pull-up
resistor
Output voltage
VO1
VSS – 0.3
VCC + 0.3
V
VO1 must not exceed Vss + 7.0 V.
Except P20 to P27, P40 to P47,
and P50 to P57 without a pull-up
resistor
VO2
VSS – 0.3
VSS + 7.0
V
P20 to P27, P40 to P47, and P50
to P57 without a pull-up resistor
“L” level output current
IOL1
10
mA
Except P21, P26, P27, and power
supply pins
IOL2
20
mA
P21, P26, and P27
“L” level average output current
IOLAV1
4mA
Average value (operating
current
× operating rate)
Except P21, P26, P27, and power
supply pins
IOLAV2
8mA
Average value (operating
current
× operating rate)
P21, P26, and P27
“L” level total output current
∑IOL
80
mA
“L” level total average output
current
∑IOLAV
40
mA
Average value (operating
current
× operating rate)
“H” level output current
IOH1
–5
mA
Except P30 and power supply pins
IOH2
–10
mA
P30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com