Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC7832IPAPR Datasheet HTML 14Page - Texas Instruments AMC7832IPAPR Datasheet HTML 15Page - Texas Instruments AMC7832IPAPR Datasheet HTML 16Page - Texas Instruments AMC7832IPAPR Datasheet HTML 17Page - Texas Instruments AMC7832IPAPR Datasheet HTML 18Page - Texas Instruments AMC7832IPAPR Datasheet HTML 19Page - Texas Instruments AMC7832IPAPR Datasheet HTML 20Page - Texas Instruments AMC7832IPAPR Datasheet HTML 21Page - Texas Instruments AMC7832IPAPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
±15.0
±10.0
±5.0
0.0
5.0
10.0
15.0
±15
±10
±5
0
5
10
15
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Time (ms)
AVCC
AVSS
DVDD/AVDD
DAC output
C002
±15
±10
±5
0
5
10
15
±0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Time (ms)
AVCC
AVSS
DVDD/AVDD
DAC output
C002
0
1000
2000
3000
4000
5000
10
100
1000
10000
100000
1000000
Frequency (Hz)
C001
±20
±15
±10
±5
0
5
10
15
20
0
2
4
6
8
10
12
14
16
18
20
Time (s)
C001
±15
±10
±5
0
5
10
15
0
5
10
15
20
25
Time (µs)
10nF, Rising Edge
200pF, Rising Edge
C001
±15
±10
±5
0
5
10
15
0
5
10
15
20
25
Time (µs)
10nF, Falling Edge
200pF, Falling Edge
C001
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Typical Characteristics: DAC (continued)
T = 25°C, Code 0x400 to 0xC00 to within 1/2 LSB
T = 25°C, Code 0xC00 to 0x400 to within 1/2 LSB
Figure 21. Settling Time vs Load Capacitance
Figure 22. Settling Time vs Load Capacitance
T = 25°C, Input Code 0x800
T = 25°C, Input Code 0x800
Figure 23. Noise Voltage vs Frequency
Figure 24. 0.1Hz to 10Hz Noise
T = 25°C, AVSS = AVEE = AGND, AVCC 0 to 12V, 2 ms ramp
T = 25°C, AVSS = AVEE = -12V, AVCC 0 to 12V, 2 ms ramp
Figure 25. Power-On Overshoot Single Supply
Figure 26. Power-On Overshoot Dual Supply
18
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com