Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button AMC7832IPAPR Datasheet HTML 37Page - Texas Instruments AMC7832IPAPR Datasheet HTML 38Page - Texas Instruments AMC7832IPAPR Datasheet HTML 39Page - Texas Instruments AMC7832IPAPR Datasheet HTML 40Page - Texas Instruments AMC7832IPAPR Datasheet HTML 41Page - Texas Instruments AMC7832IPAPR Datasheet HTML 42Page - Texas Instruments AMC7832IPAPR Datasheet HTML 43Page - Texas Instruments AMC7832IPAPR Datasheet HTML 44Page - Texas Instruments AMC7832IPAPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
8.5 Register Map
Table 5. Register Map
ADDRESS
DEFAULT
ADDRESS
DEFAULT
(HEX)
R/W
(HEX)
REGISTER
(HEX)
R/W
(HEX)
REGISTER
0x00
R/W
3C
Interface Configuration 0
0x54
R/W
00
DACA10-Data (low byte)
0x01
R/W
00
Interface Configuration 1
0x55
R/W
00
DACA10-Data (high byte)
0x02
R/W
03
Device Configuration
0x56
R/W
00
DACA11-Data (low byte)
0x03
R
08
Chip Type
0x57
R/W
00
DACA11-Data (high byte)
0x04
R
32
Chip ID (low byte)
0x58
R/W
00
DACB6-Data (low byte)
0x05
R
0C
Chip ID (high byte)
0x59
R/W
00
DACB6-Data (high byte)
0x06
R
00
Chip Version
0x5A
R/W
00
DACB7-Data (low byte)
0x07 – 0x0B
—
—
Reserved
0x5B
R/W
00
DACB7-Data (high byte)
0x0C
R
51
Manufacturer ID (low byte)
0x5C
R/W
00
DACC0-Data (low byte)
0x0D
R
04
Manufacturer ID (high byte)
0x5D
R/W
00
DACC0-Data (high byte)
0x0E
—
—
Reserved
0x5E
R/W
00
DACC1-Data (low byte)
0x0F
W
00
Register Update
0x5F
R/W
00
DACC1-Data (high byte)
0x10
R/W
00
ADC Configuration
0x60
R/W
00
DACD2-Data (low byte)
0x11
R/W
07
False Alarm Configuration
0x61
R/W
00
DACD2-Data (high byte)
0x12
R/W
00
GPIO Configuration
0x62
R/W
00
DACD3-Data (low byte)
0x13
R/W
00
ADC MUX Configuration 0
0x63
R/W
00
DACD3-Data (high byte)
0x14
R/W
00
ADC MUX Configuration 1
0x64
R/W
00
DACD4-Data (low byte)
0x15
R/W
00
ADC MUX Configuration 2
0x65
R/W
00
DACD4-Data (high byte)
0x16
—
—
Reserved
0x66
R/W
00
DACD5-Data (low byte)
0x17
—
—
Reserved
0x67
R/W
00
DACD5-Data (high byte)
0x18
R/W
00
DAC Clear Enable 0
0x68–0x6F
—
—
Reserved
0x19
R/W
00
DAC Clear Enable 1
0x70
R
00
Alarm Status 0
0x1A
R/W
00
DAC Clear Source 0
0x71
R
00
Alarm Status 1
0x1B
R/W
00
DAC Clear Source 1
0x72
R
00
General Status
0x1C
R/W
00
ALARMOUT Source 0
0x73–0x77
R/W
00
Reserved
0x1D
R/W
00
ALARMOUT Source 1
0x78
R
00
Temperature Data (low byte)
0x1E
R/W
00
DAC Range
0x79
R
00
Temperature Data (high byte)
0x1F
—
—
Reserved
0x7A
R/W
FF
GPIO
0x20
R
00
ADC0-Data (low byte)
0x7B–0x7F
—
—
Reserved
0x21
R
00
ADC0-Data (high byte)
0x80
R/W
FF
ADC12-Upper-Thresh (low byte)
0x22
R
00
ADC1-Data (low byte)
0x81
R/W
0F
ADC12-Upper-Thresh (high byte)
0x23
R
00
ADC1-Data (high byte)
0x82
R/W
00
ADC12-Lower-Thresh (low byte)
0x24
R
00
ADC2-Data (low byte)
0x83
R/W
00
ADC12-Lower-Thresh (high byte)
0x25
R
00
ADC2-Data (high byte)
0x84
R/W
FF
ADC13-Upper-Thresh (low byte)
0x26
R
00
ADC3-Data (low byte)
0x85
R/W
0F
ADC13-Upper-Thresh (high byte)
0x27
R
00
ADC3-Data (high byte)
0x86
R/W
00
ADC13-Lower-Thresh (low byte)
0x28
R
00
ADC4-Data (low byte)
0x87
R/W
00
ADC13-Lower-Thresh (high byte)
0x29
R
00
ADC4-Data (high byte)
0x88
R/W
FF
ADC14-Upper-Thresh (low byte)
0x2A
R
00
ADC5-Data (low byte)
0x89
R/W
0F
ADC14-Upper-Thresh (high byte)
0x2B
R
00
ADC5-Data (high byte)
0x8A
R/W
00
ADC14-Lower-Thresh (low byte)
0x2C
R
00
ADC6-Data (low byte)
0x8B
R/W
00
ADC14-Lower-Thresh (high byte)
0x2D
R
00
ADC6-Data (high byte)
0x8C
R/W
FF
ADC15-Upper-Thresh (low byte)
0x2E
R
00
ADC7-Data (low byte)
0x8D
R/W
0F
ADC15-Upper-Thresh (high byte)
0x2F
R
00
ADC7-Data (high byte)
0x8E
R/W
00
ADC15-Lower-Thresh (low byte)
0x30
R
00
ADC8-Data (low byte)
0x8F
R/W
00
ADC15-Lower-Thresh (high byte)
0x31
R
00
ADC8-Data (high byte)
0x90
R/W
FF
ADC16-Upper-Thresh (low byte)
0x32
R
00
ADC9-Data (low byte)
0x91
R/W
0F
ADC16-Upper-Thresh (high byte)
0x33
R
00
ADC9-Data (high byte)
0x92
R/W
00
ADC16-Lower-Thresh (low byte)
0x34
R
00
ADC10-Data (low byte)
0x93
R/W
00
ADC16-Lower-Thresh (high byte)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com