Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button AMC7832IPAPR Datasheet HTML 33Page - Texas Instruments AMC7832IPAPR Datasheet HTML 34Page - Texas Instruments AMC7832IPAPR Datasheet HTML 35Page - Texas Instruments AMC7832IPAPR Datasheet HTML 36Page - Texas Instruments AMC7832IPAPR Datasheet HTML 37Page - Texas Instruments AMC7832IPAPR Datasheet HTML 38Page - Texas Instruments AMC7832IPAPR Datasheet HTML 39Page - Texas Instruments AMC7832IPAPR Datasheet HTML 40Page - Texas Instruments AMC7832IPAPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
ADC
12-b
Internal
Reference
(2.5V)
DAC-0
12-b
DAC-1
12-b
DAC-11
12-b
REF_CMP
C > 4.7 µF
(Minimize
inductance to pin)
REF_OUT1
REF_OUT2
LOCAL
TEMP
SENSOR
DAC RANGE
SETUP
VRANGEA
VRANGEB
VRANGEC
VRANGED
* Each VRANGEn pin should be connected to either
GND or one of the REF_OUT pins according to the
desired output range for DAC group n.
AGND2
AMC7832
www.ti.com
SLAS836 – MARCH 2014
8.3.4 Internal Reference
The AMC7832 includes a high performance internal reference for the on-chip ADC and twelve DACs. The
internal reference is a 2.5-V bipolar transistor-based, precision bandgap reference. A compensation capacitor
(4.7-
μF, typical) should be connected between the REF_CMP terminal and AGND2.
The AMC7832 includes two buffers to access the internal reference voltage through terminals REF_OUT1 and
REF_OUT2. If unused, the two reference buffers can be powered down independently in the Power-down 1
register (address 0xB3). A third buffer is used to drive the ADC and should not be used to drive any external
circuitry. The ADC reference buffer is powered down by default and should be enabled in the ADC Configuration
Register (address 0x10) during device initialization.
The REF_OUT1 and REF_OUT2 outputs can directly drive the VRANGEA,B,C,D inputs thus enabling adjustment
of the DAC output ranges without the need for external circuitry. The internal reference buffers are not intended
to drive external loads. If driving an external load, a high impedance buffer amplifier is required.
Figure 51. AMC7832 Internal Reference
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com