Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button AMC7832IPAPR Datasheet HTML 30Page - Texas Instruments AMC7832IPAPR Datasheet HTML 31Page - Texas Instruments AMC7832IPAPR Datasheet HTML 32Page - Texas Instruments AMC7832IPAPR Datasheet HTML 33Page - Texas Instruments AMC7832IPAPR Datasheet HTML 34Page - Texas Instruments AMC7832IPAPR Datasheet HTML 35Page - Texas Instruments AMC7832IPAPR Datasheet HTML 36Page - Texas Instruments AMC7832IPAPR Datasheet HTML 37Page - Texas Instruments AMC7832IPAPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
Temperature
Low Threshold
(lower bound)
-
+
-
+
Temperature
High Threshold
(upper bound)
Temperature
Data
LT-HIGH-ALR Bit
-
+
150°C
LT-LOW-ALR Bit
THERM-ALR Bit
ADCn-Lower-Thresh
Value
(lower bound)
-
+
-
+
ADCn-Upper-Thresh
Value
(upper bound)
LV_ADCn
Conversion Value
(n = 12 to 16)
ADCn-ALR Bit
AMC7832
SLAS836 – MARCH 2014
www.ti.com
8.3.2.4.1
Unipolar Inputs Out-of-Range Alarms
The AMC7832 provides out-of-range detection for the five external unipolar ADC inputs (LV_ADC12 to
LV_ADC16, terminals 41 - 45). When the measurement is out-of-range, the corresponding alarm bit in the Alarm
Status 0 register (address 0x70) is set to '1' to flag the out-of-range condition. The values in the ADC Upper and
Lower Threshold registers (address 0x80 – 0x93) define the upper and lower bound thresholds for all five inputs.
Figure 48. Unipolar Inputs Out-of-Range Alarms
8.3.2.4.2
Internal Temperature Sensor Out-of-Range Alarms
The AMC7832 includes high-limit and low-limit detection for the internal temperature sensor. The values in the
LT Upper and Lower Threshold registers (address 0x94 – 0x97) set the limits for the temperature sensor. The
temperature sensor detector can issue either a high-alarm (LT-HIGH-ALR bit) or a low-alarm (LT-LOW-ALR bit)
in the Alarm Status 1 register (address 0x71) depending on whether the high or low thresholds were exceeded.
To implement single, upper-bound threshold detection for the temperature sensor, the host processor can set the
upper-bound threshold to the desired value and the lower-bound threshold to the default value. For lower-bound
threshold detection, the host processor can set the lower-bound threshold to the desired value and the upper-
bound threshold to the default value.
In addition to the programmable threshold alarms the temperature sensor detection circuit also includes a die
thermal alarm flag which continuously monitors the die temperature. When the die temperatures exceeds +150
˚C
the die thermal alarm flag (THERM-ALR bit) in the Alarm Status 1 register (address 0x71) is set. The internal
temperature sensor must be enabled for this alarm to be functional.
Figure 49. Internal Temperature Out-of-Range Alarms
34
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com