Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAPR
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button AMC7832IPAPR Datasheet HTML 32Page - Texas Instruments AMC7832IPAPR Datasheet HTML 33Page - Texas Instruments AMC7832IPAPR Datasheet HTML 34Page - Texas Instruments AMC7832IPAPR Datasheet HTML 35Page - Texas Instruments AMC7832IPAPR Datasheet HTML 36Page - Texas Instruments AMC7832IPAPR Datasheet HTML 37Page - Texas Instruments AMC7832IPAPR Datasheet HTML 38Page - Texas Instruments AMC7832IPAPR Datasheet HTML 39Page - Texas Instruments AMC7832IPAPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
( )
4096 - ADC_Code
Negative Temperature °C =
4
( )
ADC_Code
Positive Temperature °C =
4
AMC7832
SLAS836 – MARCH 2014
www.ti.com
8.3.3 Internal Temperature Sensor
The AMC7832 has an on-chip temperature sensor used to measure the device die temperature. The normal
operating temperature range for the internal temperature sensor is limited by the operating temperature range of
the device (–40°C to +125°C).
The temperature sensor results are converted by the device ADC at a lower speed than the analog input
channels. Temperature can be monitored either continuously or as a single-time conversion depending on
whether the ADC is configured in Auto mode or Direct mode (refer to the ADC section for more details). If the
temperature sensor is not needed, it can be disabled in the ADC MUX Configuration 2 register (address 0x15).
By default the temperature sensor is disabled and not converted by the ADC.
The temperature sensor gives 0.25°C resolution over the operating temperature range. The temperature value is
stored in 12-bit two’s complement format in the Temperature data registers (address 0x78 – 0x79).
Table 3. Temperature Sensor Data Format
TEMPERATURE (°C)
DIGITAL CODE
-40
1111 0110 0000
-25
1111 1001 1100
-10
1111 1101 1000
-0.25
1111 1111 1111
0
0000 0000 0000
+0.25
0000 0000 0001
+10
0000 0010 1000
+25
0000 0110 0100
+50
0000 1100 1000
+75
0001 0010 1100
+100
0001 1001 0000
+105
0001 1010 0100
+125
0001 1111 0100
If the output data MSB is ‘0’, the temperature can be calculated by,
(3)
(4)
36
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com