Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS54RF63IPFPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54RF63IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54RF63IPFPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS54RF63IPFPR Datasheet HTML 18Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 19Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 20Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 21Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 22Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 23Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 24Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 25Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Input Amplitude − dBFS
10
30
50
70
90
110
130
−80
−70
−60
−50
−40
−30
−20
−10
0
fS = 550 MSPS
fIN1 = 397.5 MHz
fIN2 = 402.5 MHz
G043
Worst Spur (dBFS)
2F1−F2 (dBFS)
Worst Spur (dBc)
2F2−F1 (dBFS)
Input Amplitude − dBFS
10
30
50
70
90
110
130
−80
−70
−60
−50
−40
−30
−20
−10
0
fS = 550 MSPS
fIN1 = 647.5 MHz
fIN2 = 652.5 MHz
G044
Worst Spur (dBFS)
2F1−F2 (dBFS)
Worst Spur (dBc)
2F2−F1 (dBFS)
AVDD − Supply Voltage − V
60
65
70
75
80
85
90
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
G045
fS = 550 MSPS
fIN = 100 MHz
TA = −40°C
TA = 55°C
TA = 85°C
TA = 25°C
TA = −20°C
TA = 0°C
TA = 100°C
AVDD − Supply Voltage − V
62.0
62.5
63.0
63.5
64.0
64.5
65.0
65.5
66.0
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
G046
TA = 25°C
TA = 55°C
TA = −40°C
TA = 100°C
TA = 85°C
fS = 550 MSPS
fIN = 100 MHz
TA = −20°C
TA = 0°C
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
ADS54RF63 TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
AC PERFORMANCE
AC PERFORMANCE
vs
vs
INPUT AMPLITUDE (397.5-MHz AND 402.5-MHz TWO-TONE
INPUT AMPLITUDE (647.5-MHz AND 652.5-MHz TWO-TONE
INPUT SIGNAL)
INPUT SIGNAL)
Figure 35.
Figure 36.
SFDR
SNR
vs
vs
AVDD5 ACROSS TEMPERATURE
AVDD5 ACROSS TEMPERATURE
Figure 37.
Figure 38.
22
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com