Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS54RF63IPFPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54RF63IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54RF63IPFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS54RF63IPFPR Datasheet HTML 2Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 3Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 4Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 5Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 6Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 7Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 8Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 9Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
ADS5463 sampling rate = 500 MSPS, ADS54RF63 sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3
= 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input, and 3-VPP differential clock, unless otherwise noted
ADS54RF63
ADS5463
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
Maximum clock
CLK
550
500
MHz
frequency
RMS idle-channel noise
Inputs tied to common-mode
0.8
0.7
LSB
SNR, Signal-to-Noise Ratio
fIN = 10 MHz
64.7
65.4
fIN = 70 MHz
64.6
65.4
fIN = 100 MHz
64.6
63.5
65.3
fIN = 230 MHz
64.4
65.1
fS = 500MSPS
fIN = 300 MHz
62.5
64.3
63
65
fIN = 450 MHz
64.1
64.6
SNR
dBFS
fIN = 650 MHz
63.5
63.9
fIN = 900 MHz
62.5
62.6
fIN = 1.3 GHz
61
59.3
fIN = 100 MHz
62.6
NA
fS = 550MSPS
fIN = 450 MHz
59
61.9
NA
fIN = 1.3 GHz
59.3
NA
SFDR, Spurious-Free Dynamic Range
fIN = 10 MHz
85
85
fIN = 70 MHz
83
82
fIN = 100 MHz
84
70
82
fIN = 230 MHz
81
78
fS = 500MSPS
fIN = 300 MHz
64
78
64
77
fIN = 450 MHz
80
75
SFDR
dBc
fIN = 650 MHz
75
65
fIN = 900 MHz
70
56
fIN = 1.3 GHz
58
45
fIN = 100 MHz
76
NA
fS = 550MSPS
fIN = 450 MHz
62
75
NA
fIN = 1.3 GHz
57
NA
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com