Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS54RF63IPFPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54RF63IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54RF63IPFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS54RF63IPFPR Datasheet HTML 5Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 6Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 7Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 8Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 9Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 10Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 11Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 12Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
N
CLK
D
OVR
[11:0],
N+1
N+5
t
CLKL
t
DRY
t
DATA
t
CLKH
t
a
D[11:0], OVR
CLK
N+2
N+3
N+4
DRY
DRY
(1)
N
N+1
N – 1
Sample
N – 1
T0158-01
Latency = 3.5 Clock Cycles
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
ELECTRICAL CHARACTERISTICS (continued)
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
ADS5463 sampling rate = 500 MSPS, ADS54RF63 sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3
= 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input, and 3-VPP differential clock, unless otherwise noted
ADS54RF63
ADS5463
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Two-Tone SFDR
fIN1 = 65 MHz, fIN2 = 70 MHz,
90
90
each tone at –7 dBFS
fIN1 = 65 MHz, fIN2 = 70 MHz,
90
89
each tone at –16 dBFS
fS = 500MSPS
fIN1 = 350 MHz, fIN2 = 355 MHz,
90
82
each tone at –7 dBFS
2-tone
dBFS
SFDR
fIN1 = 350 MHz, fIN2 = 355 MHz,
90
89
each tone at –16 dBFS
fIN1 = 397.5 MHz, fIN2 = 402.5
NA
90
MHz, each tone at –7 dBFS
fS = 550MSPS
fIN1 = 647.5 MHz, fIN2 = 652.5
NA
84
MHz, each tone at –7 dBFS
LVDS DIGITAL OUTPUTS
Differential output
VOD
247
350
454
247
350
454
mV
voltage (±)
Common-mode
VOC
1.125
1.375
1.125
1.375
V
output voltage
(1)
Polarity of DRY is undetermined. For further information, see the Digital Outputs section.
Figure 1. Timing Diagram
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com