Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS54RF63IPFPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54RF63IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54RF63IPFPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADS54RF63IPFPR Datasheet HTML 27Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 28Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 29Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 30Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 31Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 32Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 33Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 34Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Clock Inputs
1000 W
~ 2.4 V
CLK
CLK
AVDD5
AVDD5
1000 W
GND
ADS5463/5474/54RF63
GND
GND
~ 2.5 nH Bond Wire
~ 2.5 nH Bond Wire
Parasitic
~0.8pF
Parasitic
~0.8pF
S0292-01
Internal
Clock
Buffer
~ 0.5pF
Package
~ 0.5pF
Package
~ 200fF
BondPad
~ 200fF
BondPad
CLK
ADS5463
CLK
SquareWaveor
SineWave
0.01 F
m
0.01 F
m
S0168-05
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
The ADS5463/ADS54RF63 clock input can be driven with either a differential clock signal or a single-ended clock
input. The equivalent clock input circuit can be seen in Figure 57. The 0.5 pF of parasitic package capacitance is
before soldering. When jitter may not be a big concern, the use of a single-ended clock (as shown in Figure 58)
could save cost and board space without much performance tradeoff. When clocked with this configuration, it is
best to connect CLK to ground with a 0.01-
µF capacitor, while CLK is ac-coupled with a 0.01-µF capacitor to the
clock source, as shown in Figure 58.
Figure 57. Clock Input Circuit (unsoldered package)
Figure 58. Single-Ended Clock
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com