Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS54RF63IPFPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54RF63IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54RF63IPFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS54RF63IPFPR Datasheet HTML 10Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 11Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 12Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 13Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 14Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 15Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 16Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 17Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100 125 150 175 200 225 250
G005
SFDR = 74.3 dBc
SINAD = 64.3 dBFS
SNR = 64.8 dBFS
THD = 73 dBc
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100 125 150 175 200 225 250
G006
SFDR = 65.5 dBc
SINAD = 61.8 dBFS
SNR = 64 dBFS
THD = 64.9 dBc
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100 125 150 175 200 225 250
G007
SFDR = 55.5 dBc
SINAD = 55.3 dBFS
SNR = 62.8 dBFS
THD = 55.1 dBc
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100 125 150 175 200 225 250
G008
SFDR = 45.6 dBc
SINAD = 45.1 dBFS
SNR = 59.3 dBFS
THD = 44.3 dBc
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
ADS5463 TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 450-MHz INPUT SIGNAL
FFT FOR 650-MHz INPUT SIGNAL
Figure 6.
Figure 7.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 900-MHz INPUT SIGNAL
FFT FOR 1,300-MHz INPUT SIGNAL
Figure 8.
Figure 9.
14
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com