Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1253 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1253
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1253 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1253_14 Datasheet HTML 1Page - Texas Instruments ADS1253_14 Datasheet HTML 2Page - Texas Instruments ADS1253_14 Datasheet HTML 3Page - Texas Instruments ADS1253_14 Datasheet HTML 4Page - Texas Instruments ADS1253_14 Datasheet HTML 5Page - Texas Instruments ADS1253_14 Datasheet HTML 6Page - Texas Instruments ADS1253_14 Datasheet HTML 7Page - Texas Instruments ADS1253_14 Datasheet HTML 8Page - Texas Instruments ADS1253_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ADS1253
SBAS199B
3
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
All specifications at TMIN to TMAX, VDD = +5V, CLK = 8MHz, and VREF = 4.096V, unless otherwise specified.
ADS1253E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Level: VIH
+4.0
+VDD + 0.3
V
VIL
–0.3
+0.8
V
VOH
IOH = –500µA
+4.5
V
VOL
IOL = 500µA
0.4
V
Input (SCLK, CLK, CHSEL0, CHSEL1) Hysteresis
0.6
V
Data Format
Offset Binary Two’s Complement
POWER-SUPPLY REQUIREMENTS
Operation
+4.75
+5
+5.25
VDC
Quiescent Current
1.5
2
mA
Operating Power
7.5
10
mW
Power-Down Current
0.4
1
µA
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–60
+100
°C
CH1+
ADS1253E
CH4–
CH1–
CH4+
CH2+
V
REF
GND
CH2–
1
2
3
4
16
15
14
13
CH3+
CHSEL1
CH3–
CHSEL0
+V
DD
SCLK
DOUT/DRDY
CLK
5
6
7
8
12
11
10
9
PIN CONFIGURATION
Top View
SSOP
PIN DESCRIPTIONS
PIN
NAME
PIN DESCRIPTION
1
CH1+
Analog Input: Positive Input of the Differen-
tial Analog Input
2
CH1–
Analog Input: Negative Input of the Differ-
ential Analog Input
3
CH2+
Analog Input: Positive Input of the Differen-
tial Analog Input
4
CH2–
Analog Input: Negative Input of the Differ-
ential Analog Input
5
CH3+
Analog Input: Positive Input of the Differen-
tial Analog Input
6
CH3–
Analog Input: Negative Input of the Differ-
ential Analog Input
7+VDD
Input: Power-Supply Voltage, +5V
8
CLK
Digital Input: Device System Clock. The
system clock is in the form of a CMOS-
compatible clock. This is a Schmitt-Trigger
input.
9
DOUT/DRDY
Digital Output: Serial Data Output/Data
Ready. This output indicates that a new
output word is available from the ADS1253
data output register. The serial data is
clocked out of the serial data output shift
register using SCLK.
10
SCLK
Digital Input: Serial Clock. The serial clock
is in the form of a CMOS-compatible clock.
The serial clock operates independently
from the system clock, therefore, it is pos-
sible to run SCLK at a higher frequency
than CLK. The normal state of SCLK is
LOW. Holding SCLK HIGH will either ini-
tiate a modulator reset for synchronizing
multiple converters or enter power-down
mode. This is a Schmitt-Trigger input.
11
CHSEL1
Digital Input: Used to select analog input
channel. This is a Schmitt-Trigger input.
12
CHSEL0
Digital Input: Used to select analog input
channel. This is a Schmitt-Trigger input.
13
GND
Input: Ground
14
VREF
Analog Input: Reference Voltage Input
15
CH4–
Analog Input: Negative Input of the Differ-
ential Analog Input
16
CH4+
Analog Input: Positive Input of the Differen-
tial Analog Input
NOTE: (1) Applies to full-differential signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com