Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1253 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS1253
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1253 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1253_14 Datasheet HTML 8Page - Texas Instruments ADS1253_14 Datasheet HTML 9Page - Texas Instruments ADS1253_14 Datasheet HTML 10Page - Texas Instruments ADS1253_14 Datasheet HTML 11Page - Texas Instruments ADS1253_14 Datasheet HTML 12Page - Texas Instruments ADS1253_14 Datasheet HTML 13Page - Texas Instruments ADS1253_14 Datasheet HTML 14Page - Texas Instruments ADS1253_14 Datasheet HTML 15Page - Texas Instruments ADS1253_14 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADS1253
SBAS199B
12
www.ti.com
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tOSC
CLK Period
125
ns
tDRDY
Conversion Cycle
384 • tOSC
ns
DRDY Mode
DRDY Mode
36 • tOSC
ns
DOUT Mode
DOUT Mode
348 • tOSC
ns
t1
DOR Write Time
6 • tOSC
ns
t2
DOUT/DRDY LOW Time
6 • tOSC
ns
t3
DOUT/DRDY HIGH Time (Prior to Data Out)
6 • tOSC
ns
t4
DOUT/DRDY HIGH Time (Prior to Data Ready)
24 • tOSC
ns
t5
Rising Edge of CLK to Falling Edge of DOUT/DRDY
30
ns
t6
End of DRDY Mode to Rising Edge of First SCLK
30
ns
t7
End of DRDY Mode to Data Valid (Propagation Delay)
30
ns
t8
Falling Edge of SCLK to Data Valid (Hold Time)
5
ns
t9
Falling Edge of SCLK to Next Data Out Valid (Propagation Delay)
30
ns
t10
SCLK Setup Time for Synchronization or Power Down
30
ns
t11
DOUT/DRDY Pulse for Synchronization or Power Down
3 • tOSC
ns
t12
Rising Edge of SCLK Until Start of Synchronization
1537 • CLK
7679 • CLK
ns
t13
Synchronization Time
0.5 • CLK
6143.5 • CLK
ns
t14
Falling Edge of CLK (After SCLK Goes LOW) Until Start of DRDY Mode
2042.5 • CLK
ns
t15
Rising Edge of SCLK Until Start of Power Down
7681 • CLK
ns
t16
Falling Edge of CLK (After SCLK Goes LOW) Until Start of DRDY Mode
2318.5 • tOSC
ns
t17
Falling Edge of Last DOUT/DRDY to Start of Power Down
6144.5 • tOSC
ns
t18
DOUT/DRDY High Time After MUX Change
2043.5 • tosc
ns
TABLE III. Digital Timing.
TABLE IV. ADS1253 Data Format (Offset Binary Two’s
Complement).
DIFFERENTIAL VOLTAGE INPUT
DIGITAL OUTPUT (HEX)
+Full-Scale
7FFFFFH
Zero
000000H
–Full-Scale
800000H
POWER-DOWN MODE
The normal state of SCLK is LOW; however, by holding
SCLK HIGH, the ADS1253 will enter power-down mode. This
is accomplished by holding SCLK HIGH for at least 20
consecutive DOUT/DRDY periods (see Figure 14). After the
ADS1253 circuitry detects that SCLK has been held HIGH for
four consecutive DOUT/DRDY cycles, the DOUT/DRDY pin
pulses LOW for one CLK cycle and then is held HIGH, and
the modulator is held in a reset state. If SCLK is held HIGH
for an additional 16 DOUT/DRDY periods, the ADS1253 will
enter power-down mode. The part will be released from
power-down mode on the falling edge of SCLK. It is impor-
tant to note that the DOUT/DRDY pin is held HIGH after four
DOUT/DRDY cycles, but power-down mode is not entered
for an additional 16 DOUT/DRDY periods. The first
DOUT/DRDY pulse after the falling edge of SCLK occurs at
t16 and indicates valid data. Subsequent DOUT/DRDY pulses
will occur normally.
SERIAL INTERFACE
The ADS1253 includes a simple serial interface that can be
connected to microcontrollers and digital signal processors in
a variety of ways. Communications with the ADS1253 can
commence on the first detection of the DOUT/DRDY pulse
after power up.
It is important to note that the data from the ADS1253 is a
24-bit result transmitted MSB-first in Offset Binary Two’s
Complement format, as shown in Table IV.
The data must be clocked out before the ADS1253 enters
DRDY mode to ensure reception of valid data, as described
in the DOUT/DRDY section of this data sheet.
FIGURE 11. DOUT/DRDY Partitioning.
DATA
DRDY Mode
DOUT Mode
DOUT Mode
DATA
DATA
t
4
t
2
t
3
t
1
DRDY Mode
DOUT/DRDY
FIGURE 12. Multiplexer Operation.
DATA
DATA
DOUT/DRDY
t
18
MUX Change
CHS0, CHS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com