Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1253 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS1253
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1253 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1253_14 Datasheet HTML 1Page - Texas Instruments ADS1253_14 Datasheet HTML 2Page - Texas Instruments ADS1253_14 Datasheet HTML 3Page - Texas Instruments ADS1253_14 Datasheet HTML 4Page - Texas Instruments ADS1253_14 Datasheet HTML 5Page - Texas Instruments ADS1253_14 Datasheet HTML 6Page - Texas Instruments ADS1253_14 Datasheet HTML 7Page - Texas Instruments ADS1253_14 Datasheet HTML 8Page - Texas Instruments ADS1253_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADS1253
SBAS199B
4
www.ti.com
RMS NOISE vs TEMPERATURE
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
–20
0
20
40
60
80
100
Temperature (
°C)
20.0
19.8
19.6
19.4
19.2
19.0
18.8
18.6
18.4
18.2
18.0
EFFECTIVE RESOLUTION vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
18
16
14
12
10
8
6
4
2
0
V
REF Voltage (V)
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RMS NOISE vs V
REF VOLTAGE
14
12
10
8
6
4
2
0
V
REF Voltage (V)
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RMS NOISE vs V
REF VOLTAGE
2.0
1.8
1.6
1.4
1.2
1.0
100
1k
10k
100k
RMS NOISE vs DATA OUTPUT RATE
Data Output Rate (Hz)
EFFECTIVE RESOLUTION vs DATA OUTPUT RATE
Data Output Rate (Hz)
1k
100
10k
100k
20.0
19.8
19.6
19.4
19.2
19.0
18.8
18.6
18.4
18.2
18.0
TYPICAL CHARACTERISTICS
At TA = +25°C, VDD = +5V, CLK = 8MHz, and VREF = 4.096V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com