Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1253 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS1253
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1253 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1253_14 Datasheet HTML 2Page - Texas Instruments ADS1253_14 Datasheet HTML 3Page - Texas Instruments ADS1253_14 Datasheet HTML 4Page - Texas Instruments ADS1253_14 Datasheet HTML 5Page - Texas Instruments ADS1253_14 Datasheet HTML 6Page - Texas Instruments ADS1253_14 Datasheet HTML 7Page - Texas Instruments ADS1253_14 Datasheet HTML 8Page - Texas Instruments ADS1253_14 Datasheet HTML 9Page - Texas Instruments ADS1253_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADS1253
SBAS199B
6
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VDD = +5V, CLK = 8MHz, and VREF = 4.096V, unless otherwise specified.
–70
–75
–80
–85
–90
–95
–100
–105
CMR vs COMMON-MODE FREQUENCY
10
100
1k
10k
100k
Common-Mode Signal Frequency (Hz)
1.64
1.62
1.60
1.58
1.56
1.54
1.52
1.50
1.48
1.46
CURRENT vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
9
8
7
6
5
4
3
2
1
0
POWER DISSIPATION vs CLK FREQUENCY
Clock Frequency (MHz)
01
2
3
4
5
7
68
35
30
25
20
15
10
5
0
V
REF CURRENT vs CLK FREQUENCY
0
1
2
3
456
7
8
9
Clock Frequency (MHz)
0
–20
–40
–60
–80
–100
–120
–140
–160
TYPICAL FFT
(1kHz input at 0.1dB less than full-scale)
Input Signal Frequency (kHz)
0
1
23
4
5
67
8
9
10
11
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
CMR AT 60Hz vs CLK FREQUENCY
0
1
2345
678
Clock Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com