Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1253 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS1253
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1253 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1253_14 Datasheet HTML 1Page - Texas Instruments ADS1253_14 Datasheet HTML 2Page - Texas Instruments ADS1253_14 Datasheet HTML 3Page - Texas Instruments ADS1253_14 Datasheet HTML 4Page - Texas Instruments ADS1253_14 Datasheet HTML 5Page - Texas Instruments ADS1253_14 Datasheet HTML 6Page - Texas Instruments ADS1253_14 Datasheet HTML 7Page - Texas Instruments ADS1253_14 Datasheet HTML 8Page - Texas Instruments ADS1253_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
24-Bit, 20kHz, Low-Power
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 24 BITS—NO MISSING CODES
q 19 BITS EFFECTIVE RESOLUTION UP TO
20kHz DATA RATE
q LOW NOISE: 1.8ppm
q FOUR DIFFERENTIAL INPUTS
q INL: 15ppm (max)
q EXTERNAL REFERENCE (0.5V to 5V)
q POWER-DOWN MODE
q SYNC MODE
q LOW POWER: 8mW at 20kHz
5mW at 10kHz
DESCRIPTION
The ADS1253 is a precision, wide dynamic range, delta-
sigma, Analog-to-Digital (A/D) converter with 24-bit resolu-
tion operating from a single +5V supply. The delta-sigma
architecture is used for wide dynamic range and 24 bits of no
missing code performance. An effective resolution of 19 bits
(1.8ppm of rms noise) is achieved for conversion rates up to
20kHz.
The ADS1253 is designed for high-resolution measurement
applications in cardiac diagnostics, smart transmitters, indus-
trial process control, weigh scales, chromatography, and
portable instrumentation. The converter includes a flexible,
2-wire synchronous serial interface for low-cost isolation.
The ADS1253 is a 4-channel converter and is offered in an
SSOP-16 package.
APPLICATIONS
q CARDIAC DIAGNOSTICS
q DIRECT THERMOCOUPLE INTERFACES
q BLOOD ANALYSIS
q INFRARED PYROMETERS
q LIQUID/GAS CHROMATOGRAPHY
q PRECISION PROCESS CONTROL
ADS1253
SBAS199B – MAY 2001 – REVISED SEPTEMBER 2007
www.ti.com
Copyright © 2001-2007, Texas Instruments Incorporated
ADS1253
4th-Order
∆Σ
Modulator
Digital
Filter
Serial
Interface
Control
CLK
VREF
SCLK
DOUT/DRDY
+VDD
GND
ADS1253
MUX
CH1+
CH1–
CH2+
CH2–
CH3+
CH3–
CH4+
CH4–
CHSEL0
CHSEL1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - ADS1253_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253E TI-ADS1253E Datasheet
369Kb / 16P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1253E TI2-ADS1253E Datasheet
720Kb / 25P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
REVISED SEPTEMBER 2007
ADS1253E TI2-ADS1253E Datasheet
720Kb / 25P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
REVISED SEPTEMBER 2007
ADS1253E.A TI2-ADS1253E.A Datasheet
720Kb / 25P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
REVISED SEPTEMBER 2007
ADS1253E.A TI2-ADS1253E.A Datasheet
720Kb / 25P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
REVISED SEPTEMBER 2007
More results

Similar Description - ADS1253_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251_14 Datasheet
901Kb / 24P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
Low-Power, 24-Bit Analog-to-Digital Converter`
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com