Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  ADC10D040CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADC10D040
www.ti.com
SNAS149G – OCT 2001 – REVISED MARCH 2013
PIN DESCRIPTIONS and EQUIVALENT CIRCUITS
Pin No.
Symbol
Equivalent Circuit
Description
Analog inputs to “I” ADC. With VREF = 1.4V, conversion range is
48
I+
1.15V to 1.85V with GAIN pin low, or 0.8V to 2.2V with GAIN pin
47
I
−
high.
Analog inputs to “Q” ADC. With VREF = 1.4V, conversion range is
37
Q+
1.15V to 1.85V with GAIN pin low, or 0.8V to 2.2V with GAIN pin
38
Q
−
high.
Analog Reference Voltage input. The voltage at this pin should be in
the range of 0.6V to 1.6V. With 1.4V at this pin and the GAIN pin
1
VREF
low, the full scale differential inputs are 1.4 VP-P. With 1.4V at this pin
and the GAIN pin high, the full scale differential inputs are 2.8 VP-P.
This pin should be bypassed with a minimum 1 µF capacitor.
This is an analog output which can be used as a reference source
and/or to set the common mode voltage of the input. It should be
45
VCMO
bypassed with a minimum of 1 µF low ESR capacitor in parallel with
a 0.1 µF capacitor. This pin has a nominal output voltage of 1.5V
and has a 1 mA output source capability.
Top of the reference ladder. Do not drive this pin. Bypass this pin
43
VRP
with a 10 µF low ESR capacitor and a 0.1 µF capacitor.
Bottom of the reference ladder. Do not drive this pin. Bypass this
44
VRN
pin with a 10 µF low ESR capacitor and a 0.1 µF capacitor.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com