Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC10D040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADC10D040
www.ti.com
SNAS149G – OCT 2001 – REVISED MARCH 2013
Converter Electrical Characteristics (continued)
The following specifications apply for VA = VD = +3.3 VDC, VDR = +2.5 VDC, VREF = 1.4 VDC, GAIN = OF = 0V, OS = 3.3V, VIN
(a.c. coupled) = FSR = 1.4 VP-P, CL = 15 pF, fCLK = 40 MHz, 50% Duty Cycle, RS = 50Ω, trc = tfc < 4 ns, NOT offset corrected.
Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
(1)
Units
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
(Limits)
INTER-CHANNEL CHARACTERISTICS
1 MHz input to tested channel, 10.3 MHz input to
Crosstalk
−72
dB
other channel
Channel - Channel Aperture Delay
fIN = 8 MHz
8.5
ps
Match
Channel - Channel Gain Matching
0.1
%FS
REFERENCE AND ANALOG CHARACTERISTICS
Gain Pin = AGND
1.4
VP-P
VIN
Analog Differential Input Range
Gain Pin = VA
2.8
VP-P
Clock High
6
pF
Analog Input Capacitance (each
CIN
input)
Clock Low
3
pF
RIN
Analog Differential Input Resistance
13.5
k
Ω
0.6
V (min)
VREF
Reference Voltage
1.4
1.6
V (max)
IREF
Reference Input Current
<1
µA
1.35
V (min)
VCMO
Common Mode Voltage Output
1 mA load to ground (sourcing current)
1.5
1.6
V (max)
TC
Common Mode Voltage Temperature
30
ppm/°C
VCMO
Coefficient
DIGITAL INPUT CHARACTERISTICS
VIH
Logical “1” Input Voltage
VD = +3.0V
2.0
V (min)
VIL
Logical “0” Input Voltage
VD = +3.6V
0.5
V (max)
IIH
Logical “1” Input Current
VIH = VD
<1
µA
IIL
Logical “0” Input Current
VIL = DGND
>
−1
µA
DIGITAL OUTPUT CHARACTERISTICS
VDR
VOH
Logical “1” Output Voltage
VDR = +2.5V, IOUT = −0.5 mA
V (min)
−0.2V
VOL
Logical “0” Output Voltage
VDR = +2.5V, IOUT = 1.6 mA
0.4
V (max)
Parallel Mode
−4.7
mA
+ISC
Output Short Circuit Source Current
VOUT = 0V
Multiplexed Mode
−9
mA
Parallel Mode
4.7
mA
−ISC
Output Short Circuit Sink Current
VOUT = VDR
Multiplexed Mode
9
mA
POWER SUPPLY CHARACTERISTICS
PD = LOW, STBY = LOW, d.c. input
70
80
mA (max)
IA
Analog Supply Current
PD = LOW, STBY = HIGH
10
mA
PD = HIGH, STBY = LOW or HIGH
0.1
mA
PD = LOW, STBY = LOW, d.c. input
9
10
mA (max)
ID
Digital Supply Current
PD = LOW, STBY = HIGH
0.1
mA
PD = HIGH, STBY = LOW or HIGH
0.1
mA
Digital Output Driver Supply
IDR
PD = STBY = LOW, dc input
1.9
2.5
mA (max)
Current(4)
(4)
IDR is the current consumed by the switching of the output drivers and is primarily determined by the load capacitance on the output
pins, the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR = VDR (CO x fO + C1 x f1
+ ... + C9 x f9) where VDR is the output driver power supply voltage, Cn is the total capacitance on the output pin, and fn is the average
frequency at which that pin is toggling.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com