Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC10D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADC10D040
SNAS149G – OCT 2001 – REVISED MARCH 2013
www.ti.com
OVERRANGE RECOVERY TIME is the time required after the differential input voltages goes from 1.5V to 0V
for the converter to recover and make a conversion with its rated accuracy.
PIPELINE DELAY (LATENCY) is the number of clock cycles between initiation of conversion and when that data
is presented to the output driver stage. New data is available at every clock cycle, but the data output lags the
input by the Pipeline Delay plus the Output Delay.
POWER SUPPLY REJECTION RATIO (PSRR) can be one of two specifications. PSRR1 (DC PSRR) is the ratio
of the change in full scale gain error that results from a power supply voltage change from 3.0V to 3.6V. PSRR2
(AC PSRR) is measured with a 10 MHz, 250 mVP-P signal riding upon the power supply and is the ratio of the
signal amplitude on the power supply pins to the amplitude of that frequency at the output. PSRR is expressed in
dB.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the fundamental signal at the
output to the rms value of the sum of all other spectral components below one-half the sampling frequency, not
including harmonics or d.c.
SIGNAL TO NOISE PLUS DISTORTION (S/(N+D) or SINAD) is the ratio, expressed in dB, of the rms value of
the fundamental signal at the output to the rms value of all of the other spectral components below half the clock
frequency, including harmonics but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the rms values of the
fundamental signal at the output and the peak spurious signal, where a spurious signal is any signal present in
the output spectrum that is not present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB, of the total of the first nine harmonic
levels at the output to the level of the fundamental at the output. THD is calculated as
(2)
where f1 is the RMS power of the fundamental (output) frequency and f2 through f10 are the RMS power of the
first 9 harmonic frequencies in the output spectrum.
12
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com