Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  ADC10D040CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ADC10D040
www.ti.com
SNAS149G – OCT 2001 – REVISED MARCH 2013
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
Check for Samples: ADC10D040
1
FEATURES
DESCRIPTION
The
ADC10D040
is
a
dual
low
power,
high
2
•
Internal Sample-and-Hold
performance CMOS analog-to-digital converter that
•
Internal Reference Capability
digitizes signals to 10 bits resolution at sampling
•
Dual Gain Settings
rates up to 45 MSPS while consuming a typical 267
mW from a single 3.3V supply. No missing codes is
•
Offset Correction
specified over the full operating temperature range.
•
Selectable Offset Binary or 2's Complement
The unique two stage architecture achieves 9.4
Output
Effective Bits over the entire Nyquist band at 40 MHz
•
Multiplexed or Parallel Output Bus
sample rate. An output formatting choice of offset
binary or 2's complement coding and a choice of two
•
Single +3.0V to 3.6V Operation
gain settings eases the interface to many systems.
•
Power Down and Standby Modes
Also allowing great flexibility of use is a selectable 10-
•
3V TTL Logic Input/Output Compatible
bit multiplexed or 20-bit parallel output mode. An
offset correction feature minimizes the offset error.
APPLICATIONS
To ease interfacing to most low voltage systems, the
•
Digital Video
digital output power pins of the ADC10D040 can be
tied to a separate supply voltage of 1.5V to 3.6V,
•
CCD Imaging
making the outputs compatible with other low voltage
•
Portable Instrumentation
systems. When not converting, power consumption
•
Communications
can be reduced by pulling the PD (Power Down) pin
high, placing the converter into a low power state
•
Medical Imaging
where it typically consumes less than 1 mW and from
•
Ultrasound
which recovery is less than 1 ms. Bringing the STBY
(Standby) pin high places the converter into a
KEY SPECIFICATIONS
standby mode where power consumption is about 30
mW and from which recovery is 800 ns.
•
Resolution: 10 Bits
•
Conversion Rate: 40 MSPS
The ADC10D040's speed, resolution and single
supply operation make it well suited for a variety of
•
ENOB: 9.4 Bits (typ)
applications,
including
high
speed
portable
•
DNL: 0.35 LSB (typ)
applications.
•
Conversion Latency Parallel Outputs: 2.5
Operating over the industrial (
−40° ≤ TA ≤ +85°C)
Clock Cycles
temperature range, the ADC10D040 is available in a
–
Multiplexed Outputs, I Data Bus: 2.5 Clock
48-pin TQFP. An evaluation board is available to
Cycles
ease the design effort.
–
Multiplexed Outputs, Q Data Bus: 3 Clock
Cycles
•
PSRR: 90 dB
•
Power Consumption—Normal Operation: 267
mW (typ)
–
Power Down Mode: < 1 mW (typ)
–
Fast Recovery Standby Mode: 30 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC10D040CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D040CIVS NSC-ADC10D040CIVS Datasheet
991Kb / 28P
Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
More results

Similar Description - ADC10D040CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203 AD-AD9203 Datasheet
216Kb / 19P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV.0
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC10D040 NSC-ADC10D040 Datasheet
991Kb / 28P
Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com