Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC10D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADC10D040
www.ti.com
SNAS149G – OCT 2001 – REVISED MARCH 2013
Typical Performance Characteristics
VA = VD = 3.3V, VDR = 2.5V, fCLK = 40 MHz, fIN = 10.4 MHz, unless otherwise specified
Typical INL
INL vs. VA
Figure 5.
Figure 6.
INL vs. VREF
INL vs. fCLK
Figure 7.
Figure 8.
INL vs. Clock Duty Cycle
INL vs. Temperature
Figure 9.
Figure 10.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com