Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911B Datasheet(PDF) 14 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 14 Page - ams AG

Back Button AS3911B Datasheet HTML 10Page - ams AG AS3911B Datasheet HTML 11Page - ams AG AS3911B Datasheet HTML 12Page - ams AG AS3911B Datasheet HTML 13Page - ams AG AS3911B Datasheet HTML 14Page - ams AG AS3911B Datasheet HTML 15Page - ams AG AS3911B Datasheet HTML 16Page - ams AG AS3911B Datasheet HTML 17Page - ams AG AS3911B Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 155 page
background image
AS3911B – 14
ams Datasheet: 2014-Jun-12 [v1-08]
De tail ed De sc rip t ion
Capacitive Sensor
The Capacitive sensor is used to implement low power
detection of transponder presence. Capacitive sensor performs
measurement of capacitance between its two electrodes.
Presence of an object (card, hand) changes the capacitance.
During calibration the reference capacitance, which represents
parasitic capacitance of environment is stored. In normal
operation capacitance is periodically measured and compared
to stored reference value. When the measured capacitance is
larger than stored reference value (threshold value can be
defined in a register) an interrupt is sent to external controller.
External Field Detector
The External Field Detector is a low power block which is used
in NFC mode to detect presence of external RF field. It supports
two different detection thresholds, Peer Detection Threshold
and Collision Avoidance Threshold. Peer Detection Threshold is
used in the NFCIP-1 target mode to detect presence of initiator
field. It is also used in active communication initiator mode to
detect activation of target field. Collision Avoidance Threshold
is used to detect a presence of RF field during NFCIP-1 RF
Collision Avoidance procedure.
Quartz Crystal Oscillator
The quartz crystal oscillator can operate with 13.56 MHz and
27.12 MHz crystals. At start-up the transconductance of the
oscillator is increased to achieve fast start-up. Since the start-up
time varies depending on crystal type, temperature and other
parameters, the oscillator amplitude is observed and an
interrupt is sent when stable operation is reached to inform the
controller that the clock signal is stable and reader field can be
switched on. The use of 27.12 MHz crystal is mandatory in case
VHBR framing is used.
It also provides a clock signal to the external microcontroller
(MCU_CLK) according to setting in the control register.
Power Supply Regulators
Integrated power supply regulators ensure high power supply
rejection of a complete reader system. In case PSRR of the reader
system has to be improved, the command Adjust Regulators is
sent. As result of this command, the power supply level of VDD
is measured in maximum load conditions and the regulated
voltage reference is set 250 mV below this measured level to
assure a stable regulated supply. The resulting regulated
voltage is stored in a register. It is also possible to define
regulated voltage by writing a configuration register. In order
to decouple any noise sources from different parts of IC there
are three regulators integrated with separated external
blocking capacitors (regulated voltage of all is the same in 3.3
V supply mode). One regulator is for the analog blocks, one for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com