Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911B Datasheet(PDF) 32 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 32 Page - ams AG

Back Button AS3911B Datasheet HTML 28Page - ams AG AS3911B Datasheet HTML 29Page - ams AG AS3911B Datasheet HTML 30Page - ams AG AS3911B Datasheet HTML 31Page - ams AG AS3911B Datasheet HTML 32Page - ams AG AS3911B Datasheet HTML 33Page - ams AG AS3911B Datasheet HTML 34Page - ams AG AS3911B Datasheet HTML 35Page - ams AG AS3911B Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 155 page
background image
AS3911B – 32
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
A/D Converter
The AS3911B contains an 8-bit successive approximation A/D
converter. Input to A/D converter can be multiplexed from
different sources to be used in several direct commands and
adjustment procedures. The result of last A/D conversion is
stored in the A/D Converter Output Register. Typical conversion
time is 224/fc (16.5 μs).
The A/D converter has two operating modes, absolute and
relative.
• In absolute mode the low reference is 0V and the high
reference is 2 V. This means that A/D converter input range
is from 0 to 2 V, 00h code means input is 0 V or lower, FFh
means that input is 2 V - 1LSB or higher, LSB is 7.8125 mV.
• In relative mode low reference is 1/6 of VSP_A and high
reference is 5/6 of VSP_A, so the input range is from 1/6
VSP_A to 5/6 VSP_A.
Relative mode is only used in phase measurement (phase
detector output is proportional to power supply). In all other
cases absolute mode is used.
Phase and Amplitude Detector
This block is used to provide input to A/D Converter to perform
measurements of amplitude and phase, expected by direct
commands Measure Amplitude and Measure Phase. Several
phase and amplitude measurements are also performed by
direct commands Calibrate Modulation Depth and Calibrate
Antenna.
Phase Detector
The phase detector is observing phase difference between the
transmitter output signals (RFO1 and RFO2) and the receiver
input signals RFI1 and RFI2, which are proportional to the signal
on the antenna LC tank. These signals are first passed by
digitizing comparators. Digitized signals are processed by a
phase detector with a strong low pass filter characteristics to
get average phase difference. The Phase Detector output is
inversely proportional to the phase difference between the two
inputs. The 90° phase shift results in VSP_A/2 output voltage,
in case both inputs are in phase output voltage is VSP_A in case
they are in opposite phase output voltage is zero. During
execution of direct command Measure Phase this output is
multiplexed to A/D Converter input (A/D Converter is in relative
mode during execution of command Measure Phase). Since the
A/D converter range is from 1/6 VSP_A to 5/6 VSP_A the actual
phase detector range is from 30º to 150º. Figures below depict
the two inputs and output of phase detector in case of 90º and
135º phase shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com