Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911B Datasheet(PDF) 2 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 2 Page - ams AG

  AS3911B Datasheet HTML 1Page - ams AG AS3911B Datasheet HTML 2Page - ams AG AS3911B Datasheet HTML 3Page - ams AG AS3911B Datasheet HTML 4Page - ams AG AS3911B Datasheet HTML 5Page - ams AG AS3911B Datasheet HTML 6Page - ams AG AS3911B Datasheet HTML 7Page - ams AG AS3911B Datasheet HTML 8Page - ams AG AS3911B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 155 page
background image
AS3911B – 2
ams Datasheet: 2014-Jun-12 [v1-08]
G e n e ral D e sc rip t ion
Key Benefits & Features
The benefits and features of AS3911B, NFC Initiator / HF Reader
IC are listed below:
Figure 1:
Added Value for AS3911B
Benefits
Features
NFC Active P2P support
ISO 18092 (NFCIP-1) Active P2P
ISO14443 A, B and FeliCa (TM)
High data transfer with ASK VHBR and fast
SPI
Support of VHBR (3.4 Mbit/s PICC to PCD framing, 6.8 Mbit/s AFE
and PCD to PICC framing)
6
μA consumption at sensing every 100ms
Capacitive sensing - Wake-up
Antenna tuning on the fly
Automatic Antenna Tuning system providing tuning of antenna
LC tank
Stable modulation index at ASK modulation
Automatic modulation index adjustment
No communication holes
AM and PM (I/Q) demodulator channels with automatic
selection
High output power for EMVCo readers
Up to 1 W in case of differential output
High Rx sensitivity
User selectable and automatic gain control
Allows implementation of custom framings
Transparent and Stream modes to implement MIFARE™ Classic
compliant or other custom protocols
Multi Antenna support
Possibility of driving two antennas in single ended mode
Smaller Oscillator size
Oscillator input capable of operating with 13.56 MHz or 27.12
MHz crystal with fast start-up
Easy FIFO handling
10 M bit SPI with 96 bytes FIFO
Wide supply voltage range from 2.4 V to 5.5 V
Fits Temperature requirements for various
applications
Wide temperature range: -40°C to 125°C
Small outline, good cooling through
exposed pad
QFN 5x5 LD32 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com