Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911B Datasheet(PDF) 6 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 6 Page - ams AG

Back Button AS3911B Datasheet HTML 2Page - ams AG AS3911B Datasheet HTML 3Page - ams AG AS3911B Datasheet HTML 4Page - ams AG AS3911B Datasheet HTML 5Page - ams AG AS3911B Datasheet HTML 6Page - ams AG AS3911B Datasheet HTML 7Page - ams AG AS3911B Datasheet HTML 8Page - ams AG AS3911B Datasheet HTML 9Page - ams AG AS3911B Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 155 page
background image
AS3911B – 6
ams Datasheet: 2014-Jun-12 [v1-08]
Abs o lute M a ximum R a ting s
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” on page 8 is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD
DC supply voltage
-0.5
6.0
V
VDD_IO
DC_IO supply
voltage
-0.5
6.0
V
VINTRIM
Input pin voltage
TRIM pins
-0.5
25.0
V
VIN
Input pin voltage for
peripheral
communication pins
-0.5
6.5
V
VINA
Input pin voltage for
analog pins
-0.5
6.0
V
Iscr
Input current
(latch-up immunity)
-100
100
mA
Norm: JEDEC 78
Ioutmax
Drive capability of
output driver
0500
mA
Electrostatic Discharge
ESD
Electrostatic
discharge
±2
kV
Standard MIL-STD-883-J-3015.9
(Human Body Model)
±500
V
Valid for Trimx.x pins (pins 13 - 20)
Continuous Power Dissipation
Pt
Total power
dissipation (all
supplies and
outputs)
300
mW
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com