Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911B Datasheet(PDF) 21 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 21 Page - ams AG

Back Button AS3911B Datasheet HTML 17Page - ams AG AS3911B Datasheet HTML 18Page - ams AG AS3911B Datasheet HTML 19Page - ams AG AS3911B Datasheet HTML 20Page - ams AG AS3911B Datasheet HTML 21Page - ams AG AS3911B Datasheet HTML 22Page - ams AG AS3911B Datasheet HTML 23Page - ams AG AS3911B Datasheet HTML 24Page - ams AG AS3911B Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 21
Appl icatio n I n f o rm a t i o n
Gain in the second and third stage is 23 dB and can be reduced
in six 3 dB steps. Gain of these two stages is included in AGC
and Squelch loops or can be manually set in Receiver
Configuration Register 4. Sending of direct command Reset Rx
Gain is necessary to initialize the AGC, Squelch and RSSI block.
Sending this command clears the current Squelch setting and
loads the manual gain reduction from Receiver Configuration
Register 4. Second stage has a second order low pass filtering
characteristic, the pass band is adjusted according to
sub-carrier frequency using the bits lp2 to lp0 of the Receiver
Configuration Register 1. SeeFigure 13 for -1dB cut-off
frequency for different settings.
Figure 13:
Low Pass Control
Figure 14:
First and Third Stage Zero Setting
rec1<5> lp2
rec1<4> lp1
rec1<3> lp0
-1 dB point
0
0
0
1200 kHz
001
600 kHz
010
300 kHz
100
2 MHz
101
7 MHz
Other
Not used
rec1<2> h200
rec1<1> h80
rec1<0> z12k
First Stage
Zero
Third Stage
Zero
0
0
0
60 kHz
400 kHz
1
0
0
60 kHz
200 kHz
010
40 kHz
80 kHz
0
0
1
12 kHz
200 kHz
011
12 kHz
80 kHz
1
0
1
12 kHz
200 kHz
Other
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com