Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5247 Datasheet(PDF) 1 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 1 Page - ams AG

  AS5247 Datasheet HTML 1Page - ams AG AS5247 Datasheet HTML 2Page - ams AG AS5247 Datasheet HTML 3Page - ams AG AS5247 Datasheet HTML 4Page - ams AG AS5247 Datasheet HTML 5Page - ams AG AS5247 Datasheet HTML 6Page - ams AG AS5247 Datasheet HTML 7Page - ams AG AS5247 Datasheet HTML 8Page - ams AG AS5247 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ams Datasheet: 2014-Jun-20 [v1-02]
AS5247 – 1
AS5247
14-bit Dual-die On-Axis Magnetic
Rotary Position Sensor with 11-bit
Binary Incremental Pulse Count
The AS5247 is a high-resolution redundant rotary position
sensor for fast absolute angle measurement over a full
360-degree range. This new position sensor is equipped with a
revolutionary integrated dynamic angle error compensation
(DAEC™) with almost 0 latency.
The robust design of the device suppresses the influence of any
homogenous external stray magnetic field. A standard 4-wire
SPI serial interface allows a host microcontroller to read 14-bit
absolute angle position data from the AS5247 and to program
non-volatile settings without a dedicated programmer.
Incremental movements are indicated on a set of ABI signals
with a maximum resolution of 2048 steps / 512 pulses per
revolution. The resolution of the ABI signal is programmable to
1024 steps / 256 pulses per revolution.
Brushless DC (BLDC) motors are controlled through a standard
UVW commutation interface with a programmable number of
pole pairs from 1 to 7. The absolute angle position is also
provided as PWM-encoded output signal
The AS5247 supports embedded self-diagnostics including
magnetic field strength too high, magnetic field strength too
low or lost magnet, and other related diagnostic features.
The product is defined as SEooC (Safety Element out of Context)
according ISO26262 including FMEDA, safety manual and third
party qualification.
The AS5247 is available as a dual die in a compact MLF-40 7x7
package.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS5247, 14-bit Dual-die On-Axis
Magnetic Rotary Position Sensor with 11-bit Binary Incremental
Pulse Count are listed below:
Figure 1:
Added Value of Using the AS5247
Benefits
Features
Easy to use – saving costs on DSP
DAEC™ Dynamic angle error compensation
Good resolution for motor & position control
14-bit core resolution
General Description


Similar Part No. - AS5247

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5245 AMSCO-AS5245 Datasheet
904Kb / 33P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245 Datasheet
1Mb / 32P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245HQFT AMSCO-AS5245HQFT Datasheet
904Kb / 33P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245HQFT AMSCO-AS5245HQFT Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
More results

Similar Description - AS5247

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
Magnetic Rotary Encoder 14-bit Angular Position Sensor
AS5047D AMSCO-AS5047D Datasheet
633Kb / 37P
14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
AS5147 AMSCO-AS5147 Datasheet
739Kb / 35P
14-Bit On-Axis Magnetic Rotary Position Sensor
AS5047P AMSCO-AS5047P Datasheet
539Kb / 40P
14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
AS5147P AMSCO-AS5147P Datasheet
520Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
AS5047U AMSCO-AS5047U Datasheet
788Kb / 51P
14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
AS5600L AMSCO-AS5600L Datasheet
1Mb / 48P
12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
2020-May-14
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5047D AMSCO-AS5047D_V01 Datasheet
822Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
2016-Apr-27
AS5116 AMSCO-AS5116 Datasheet
1Mb / 34P
On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
v4-00 2022-Feb-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com