Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5247 Datasheet(PDF) 19 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 19 Page - ams AG

Back Button AS5247 Datasheet HTML 15Page - ams AG AS5247 Datasheet HTML 16Page - ams AG AS5247 Datasheet HTML 17Page - ams AG AS5247 Datasheet HTML 18Page - ams AG AS5247 Datasheet HTML 19Page - ams AG AS5247 Datasheet HTML 20Page - ams AG AS5247 Datasheet HTML 21Page - ams AG AS5247 Datasheet HTML 22Page - ams AG AS5247 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
ams Datasheet: 2014-Jun-20 [v1-02]
AS5247 – 19
Detaile d Desc rip t ion
Figure 31:
RED(0x001A)
ABI Incremental Interface
The AS5247 can send the angle position to the host
microcontroller through an incremental interface. This
interface is available simultaneously with the other interfaces.
By default, the incremental interface is set to work at the highest
resolution (11 bits), which corresponds to 2048 steps per
revolution or 512 pulses per revolution (ppr). This resolution
can be cut in half using the OTP bit ABIRES, which results in 1024
steps per revolution or 256 pulses per revolution.
The phase shift between the A and B signals indicates the
rotation direction: clockwise (B leads, A follows) or
counterclockwise (A leads, B follows) as viewed from above the
magnet and AS5247. The DIR bit can be used to invert the sense
of the rotation direction.
The IWIDTH setting programs the width of the index pulse
from3 LSB (default) to 1 LSB.
Figure 32:
ABI Signals at 11 Bit Resolution
Note: N = 2048 for 11-bit resolution, and N = 1024 for 10-bit resolution.
Name
Read/Write/Program
Bit Position
Description
Redundancy
R/W/P
4:0
Redundancy bits. This field enables
with force to high one bit of the
Non-Volatile register map after a
non-successful burning. For more
details please refer to the application
note
“AN5000-AS5147_Redundancy_Bits”
01
2
3
4
5
6
7
8
N-1
N-2
N-3
N-4
N-5
N-6
1
2
3
4
5
6
7
0
N-1 N-2 N-3 N-4
A
B
I
N-7
Clockwise rotation
Counter-clockwise rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com