Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5247 Datasheet(PDF) 3 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 3 Page - ams AG

  AS5247 Datasheet HTML 1Page - ams AG AS5247 Datasheet HTML 2Page - ams AG AS5247 Datasheet HTML 3Page - ams AG AS5247 Datasheet HTML 4Page - ams AG AS5247 Datasheet HTML 5Page - ams AG AS5247 Datasheet HTML 6Page - ams AG AS5247 Datasheet HTML 7Page - ams AG AS5247 Datasheet HTML 8Page - ams AG AS5247 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ams Datasheet: 2014-Jun-20 [v1-02]
AS5247 – 3
P i n A ssig n men t s
Figure 3:
TSSOP-14 Pin Assignment
Figure 4:
Pin Description
The suffix on the signal name indicates
which of the two internal chips is
connected to the pin
(T = top die, B = bottom die). The
package contains two identical chips,
and no pins are shared by both chips.
Pin number
Pin Name
Pin Type
Pin Description
1
CSn_B
Digital input
SPI chip select (active low)
2
CLK_T
Digital input
SPI Clock
3
CLK_B
Digital input
SPI Clock
4
MISO_T
Digital Output
SPI master data input, slave output
5
MISO_B
Digital Output
SPI master data input, slave output
6
MOSI_T
Digital input
SPI master data output, slave input
7
MOSI_B
Digital input
SPI master data output, slave input
8
Test_T
Test pin. Connected to ground
9
Test_B
Test pin. Connected to ground
10
A_T
Digital Output
Incremental signal A
11
A_B
Digital Output
Incremental signal A
12
B_T
Digital Output
Incremental Signal B
Pin Assignments
AS5235
1
2
3
4
5
6
7
8
30
29
28
27
26
25
24
23
9
10
22
21
AS5247
EP
CSn_B
CLK_T
CLK_B
MISO_T
MISO_B
MOSI_T
MOSI_B
Test_T
Test_B
A_T
GND_B
GND_T
VDD3V3_B
VDD3V3_T
VDD_B
VDD_T
U_B
U_T
V_B
V_T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com