Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5247 Datasheet(PDF) 5 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 5 Page - ams AG

  AS5247 Datasheet HTML 1Page - ams AG AS5247 Datasheet HTML 2Page - ams AG AS5247 Datasheet HTML 3Page - ams AG AS5247 Datasheet HTML 4Page - ams AG AS5247 Datasheet HTML 5Page - ams AG AS5247 Datasheet HTML 6Page - ams AG AS5247 Datasheet HTML 7Page - ams AG AS5247 Datasheet HTML 8Page - ams AG AS5247 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ams Datasheet: 2014-Jun-20 [v1-02]
AS5247 – 5
Abs o lute M a ximum R a tings
Stresses beyond those listed under “Absolute Maximum
Ratings“ may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Note
DC supply voltage at VDD pin
VDD5
-0.3
7.0
V
DC supply voltage at VDD3V3 pin
VDD3
-0.3
5.0
V
DC supply voltage at GND pin
VSS
-0.3
0.3
V
Input pin voltage
Vin
VDD+0.3
V
Input current (latch-up immunity)
Iscr
-100
100
mA
Norm:
AEC-Q100-004
Electrostatic discharge
ESD
±2
kV
Norm:
AEC-Q100-002
Total power dissipation (all supplies
and outputs)
Pt
150
mW
Ambient temperature 5V0
Ta5V0
-40
150
°C
In the 5.0V power
supply mode only
Ambient temperature 3V3
Ta3V3
-40
150
°C
In the 3.3V power
supply mode if
NOISESET=1
Programming Temperature
TaProg
5
45
°C
Programming @
Roomtemperature
(25°C ± 20°C)
Storage temperature
T_strg
-55
150
°C
Package body temperature
T_body
260
°C
Norm: IPC/JEDEC
J-STD-020
Humidity non-condensing
5
85
%
Moisture sensitivity level
3
Represents a
maximum floor
lifetime of 168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com