Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5247 Datasheet(PDF) 4 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 4 Page - ams AG

  AS5247 Datasheet HTML 1Page - ams AG AS5247 Datasheet HTML 2Page - ams AG AS5247 Datasheet HTML 3Page - ams AG AS5247 Datasheet HTML 4Page - ams AG AS5247 Datasheet HTML 5Page - ams AG AS5247 Datasheet HTML 6Page - ams AG AS5247 Datasheet HTML 7Page - ams AG AS5247 Datasheet HTML 8Page - ams AG AS5247 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AS5247 – 4
ams Datasheet: 2014-Jun-20 [v1-02]
P i n Assi gnments
13
B_B
Digital Output
Incremental Signal B
14
nc
Not connected
15
nc
Not connected
16
nc
Not connected
17
nc
Not connected
18
nc
Not connected
19
W_T/PWM
Digital Output
Commutation signal W or PWM encoded output
20
W_B/PWM
Digital Output
Commutation signal W or PWM encoded output
21
V_T
Digital Output
Commutation signal V
22
V_B
Digital Output
Commutation signal V
23
U_T
Digital Output
Commutation signal U
24
U_B
Digital Output
I/
Commutation signal U
25
VDD_T
Power Supply
5V power supply voltage for on-chip regulator
26
VDD_B
Power Supply
5V power supply voltage for on-chip regulator
27
VDD3V3_T
Power Supply
3.3V on-chip low-dropout(LDO) output. Requires
an external decoupling capacitor ( 1uF)
28
VDD3V3_B
Power Supply
3.3V on-chip low-dropout(LDO) output. Requires
an external decoupling capacitor ( 1uF)
29
GND_T
Power Supply
Ground
30
GND_B
Power Supply
Ground
31
I_T/PWM
Digital Output
Index signal or PWM encoded output
32
I_B/PWM
Digital Output
Index signal or PWM encoded output
33
n.c
34
n.c
35
n.c
36
n.c
37
n.c
38
n.c
39
n.c
40
CSn_T
SPI chip select (active low)
Pin number
Pin Name
Pin Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com